Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V47ZA20P Datasheet(PDF) 2 Page - Littelfuse

Part # V47ZA20P
Description  ZA Varistor Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V47ZA20P Datasheet(HTML) 2 Page - Littelfuse

  V47ZA20P Datasheet HTML 1Page - Littelfuse V47ZA20P Datasheet HTML 2Page - Littelfuse V47ZA20P Datasheet HTML 3Page - Littelfuse V47ZA20P Datasheet HTML 4Page - Littelfuse V47ZA20P Datasheet HTML 5Page - Littelfuse V47ZA20P Datasheet HTML 6Page - Littelfuse V47ZA20P Datasheet HTML 7Page - Littelfuse V47ZA20P Datasheet HTML 8Page - Littelfuse V47ZA20P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
ZA Series Ratings & Specifications
Part
Number
Branding
Model
Size
Disc Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at
1mA
DCTest Current
Maximum
Clamping
Voltage
8 x 20
µs
Typical
Capaci-
tance
f = 1MHz
V
RMS
V
DC
Energy 10
x 1000
µs
Peak
Current
8 x 20
µs
V
M(AC)
V
M(DC)
W
TM
I
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V8ZA05P
PZ08
5
4
5.5
0.1
50
6
11
30
1
2000
V8ZA1P
P08Z1
7
4
5.5
0.4
100
6
11
22
2.5
4190
V8ZA2P
P08Z2
10
4
5.5
0.8
250
6
11
20
5
7000
V12ZA05P
PZ12
5
6
8
0.14
50
9
16
37
1
1700
V12ZA1P
P12Z1
7
6
8
0.6
100
9
16
34
2.5
3350
V12ZA2P
P12Z2
10
6
8
1.2
250
9
16
30
5
6100
V18ZA05P
PZ18
5
10
14
0.17
100
16.2
19.8
36
1
1400
V18ZA1P
P18Z1
7
10
14
0.8
250
16.2
19.8
36
2.5
2700
V18ZA2P
P18Z2
10
10
14
1.5
500
16.2
19.8
36
5
5300
V18ZA3P
P18Z3
14
10
14
3.5
1000
16.2
19.8
36
10
18870
V18ZA20P
P18Z20
20
10
14
10
2000
16.2
19.8
37
20
22000
V18ZA40P
P18Z40
20
10
14
80
(Note2)
2000
16.2
19.8
37
20
22000
V22ZA05P
PZ22
5
14
18
0.2
100
19.8
24.2
43
1
1220
V22ZA1P
P22Z1
7
14
18
0.9
250
19.8
24.2
43
2.5
2375
V22ZA2P
P22Z2
10
14
18
2
500
19.8
24.2
43
5
4500
V22ZA3P
P22Z3
14
14
18
4
1000
19.8
24.2
43
10
14730
V24ZA20P
P24Z20
20
14
18
12
2000
19.8
24.2
43
20
18000
V24ZA50P
P24Z50
20
14
18
(Note 4)
100
(Note 2)
2000
20.7
25.3
43
20
18000
V27ZA05P
PZ27
5
17
22
0.25
100
24.3
29.7
53
1
920
V27ZA1P
P27Z1
7
17
22
1
250
24.3
29.7
53
2.5
1875
V27ZA2P
P27Z2
10
17
22
2.5
500
24.3
29.7
53
5
3850
V27ZA4P
P27Z4
14
17
22
5
1000
24.3
29.7
53
10
11480
V27ZA20P
P27Z20
20
17
22
14
2000
24.3
29.7
53
20
13000
V27ZA60P
P27Z60
20
17
22
100 (Note 2)
2000
24.3
29.7
50
20
13000
V33ZA05P
PZ33
5
20
26
0.3
100
29.7
36.3
65
1
790
V33ZA1P
P33Z1
7
20
26
1.2
250
29.7
36.3
65
2.5
1620
V33ZA2P
P33Z2
10
20
26
3
500
29.7
36.3
65
5
3495
V33ZA5P
P33Z5
14
20
26
6
1000
29.7
36.3
65
10
9290
V33ZA20P
P33Z20
20
20
26
18
2000
29.7
36.3
65
20
13000
V33ZA70P
P33Z70
20
21
27
100
(Note 2)
2000
29.7
36.3
58
20
13000
V36ZA20P
P36Z20
20
23
28
20
2000
32.4
39.6
70
20
12000
V36ZA80P
P36Z80
20
23
28
100
(Note 2)
2000
32.4
39.6
63
20
12000
V39ZA05P
PZ39
5
25
31
0.3
100
35.1
42.9
79
1
675
V39ZA1P
P39Z1
7
25
31
1.2
250
35.1
42.9
79
2.5
1350
V39ZA3P
P39Z3
10
25
31
3
500
35.1
42.9
76
5
3100
V39ZA6P
P39Z6
14
25
31
7.2
1000
35.1
42.9
76
10
7000
V39ZA20P
P39Z20
20
25
31
20
2000
35.1
42.9
76
20
12000
V47ZA05P
PZ47
5
30
38
0.4
100
42.3
51.7
93
1
585
V47ZA1P
P47Z1
7
30
38
1.8
250
42.3
51.7
93
2.5
1245
V47ZA3P
P47Z3
10
30
38
4.5
500
42.3
51.7
93
5
2590
V47ZA7P
P47Z7
14
30
38
8.8
1000
42.3
51.7
93
10
6270
V47ZA20P
P47Z20
20
30
38
(Note 6)
23
(Note 7)
2000
42.3
51.7
93
20
11000


Similar Part No. - V47ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZA20P LITTELFUSE-V47ZA20P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V47ZA20P LITTELFUSE-V47ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V47ZA20P LITTELFUSE-V47ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V47ZA20P LITTELFUSE-V47ZA20P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V47ZA20P LITTELFUSE-V47ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V47ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
logo
Superworld Electronics
ZAW100-RE-10 SUPERWORLD-ZAW100-RE-10_17 Datasheet
244Kb / 6P
   Ferrite Chip Bead ??ZA Series
logo
Panasonic Battery Group
EEH-ZA PANASONICBATTERY-EEH-ZA Datasheet
540Kb / 1P
   EEH-ZA & EEH-ZC Series
logo
PHOENIX CONTACT
1203288 PHOENIX-1203288 Datasheet
75Kb / 2P
   CRIMPFOX ZA 5
logo
Littelfuse
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
logo
PHOENIX CONTACT
1201882 PHOENIX-1201882 Datasheet
110Kb / 3P
   CRIMPFOX ZA 3
1203301 PHOENIX-1203301 Datasheet
75Kb / 2P
   CRIMPFOX ZA 6-3
1202289 PHOENIX-1202289 Datasheet
68Kb / 3P
   CRIMPFOX ZA 3 G
1203233 PHOENIX-1203233 Datasheet
99Kb / 3P
   CRIMPFOX ZA 3-1
logo
Littelfuse
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com