Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800A Datasheet(PDF) 9 Page - Texas Instruments

Part # DS125BR800A
Description  Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR800A Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS125BR800A_14 Datasheet HTML 5Page - Texas Instruments DS125BR800A_14 Datasheet HTML 6Page - Texas Instruments DS125BR800A_14 Datasheet HTML 7Page - Texas Instruments DS125BR800A_14 Datasheet HTML 8Page - Texas Instruments DS125BR800A_14 Datasheet HTML 9Page - Texas Instruments DS125BR800A_14 Datasheet HTML 10Page - Texas Instruments DS125BR800A_14 Datasheet HTML 11Page - Texas Instruments DS125BR800A_14 Datasheet HTML 12Page - Texas Instruments DS125BR800A_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DS125BR800A
www.ti.com
SNLS467 – NOVEMBER 2013
Electrical Characteristics — Serial Management Bus Interface
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SERIAL BUS INTERFACE DC SPECIFICATIONS
VIL
Data, Clock Input Low Voltage
SDA and SCL
0.8
V
VIH
Data, Clock Input High Voltage
SDA and SCL
2.1
3.6
V
IPULLUP
Current Through Pull-Up Resistor
High Power Specification
4
mA
or Current Source
VDD
Nominal Bus Voltage
2.375
3.6
V
ILEAK-Bus
Input Leakage Per Bus Segment
(1)
-200
+200
µA
ILEAK-Pin
Input Leakage Per Device Pin
-15
µA
CI
Capacitance for SDA and SCL
(1) (2)
10
pF
RTERM
External Termination Resistance
Pullup VDD = 3.3V
(1) (2) (3)
2000
pull to VDD = 2.5V ± 5% OR 3.3V
Pullup VDD = 2.5V
(1) (2) (3)
1000
± 10%
SERIAL BUS INTERFACE TIMING SPECIFICATIONS
FSMB
Bus Operating Frequency
ENSMB = VDD (Slave Mode)
400
kHz
ENSMB = FLOAT (Master Mode)
280
400
520
kHz
TBUF
Bus Free Time Between Stop and
1.3
µs
Start Condition
THD:STA
Hold time after (Repeated) Start
At IPULLUP, Max
Condition. After this period, the
0.6
µs
first clock is generated.
TSU:STA
Repeated Start Condition Setup
0.6
µs
Time
TSU:STO
Stop Condition Setup Time
0.6
µs
THD:DAT
Data Hold Time
0
ns
TSU:DAT
Data Setup Time
100
ns
TLOW
Clock Low Period
1.3
µs
THIGH
Clock High Period
(4)
0.6
50
µs
tF
Clock/Data Fall Time
(4)
300
ns
tR
Clock/Data Rise Time
(4)
300
ns
tPOR
Time in which a device must be
(4) (5)
500
ms
operational after power-on reset
(1)
Recommended value.
(2)
Recommended maximum capacitance load per bus segment is 400pF.
(3)
Maximum termination voltage should be identical to the device supply voltage.
(4)
Compliant to SMBus 2.0 physical layer specification. See System Management Bus (SMBus) Specification Version 2.0, section 3.1.1
SMBus common AC specifications for details.
(5)
Ensured by Design. Parameter not tested in production.
Copyright © 2013 , Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS125BR800A


Similar Part No. - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Texas Instruments
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com