Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100BR111A Datasheet(PDF) 6 Page - Texas Instruments

Part # DS100BR111A
Description  Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR111A Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS100BR111A_14 Datasheet HTML 2Page - Texas Instruments DS100BR111A_14 Datasheet HTML 3Page - Texas Instruments DS100BR111A_14 Datasheet HTML 4Page - Texas Instruments DS100BR111A_14 Datasheet HTML 5Page - Texas Instruments DS100BR111A_14 Datasheet HTML 6Page - Texas Instruments DS100BR111A_14 Datasheet HTML 7Page - Texas Instruments DS100BR111A_14 Datasheet HTML 8Page - Texas Instruments DS100BR111A_14 Datasheet HTML 9Page - Texas Instruments DS100BR111A_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
DS100BR111A
SNLS400C – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Units
POWER SUPPLY CURRENT
IDD
Supply Current
TX_DIS = LOW, EQ = ON
50
63
VOD_SEL = Float ( 1000 mV)
Auto Low Power Mode
12
15
TX_DIS = LOW, MODE = 20K
mA
VID CHA and CHB = 0.0V
VOD_SEL = Float (1000 mV)
TX_DIS = HIGH (BR111A)
25
35
LVCMOS DC SPECIFICATIONS
VIH
Voltage Input High
2.0
VDD
V
VIL
Voltage Input Low
GND
0.7
V
VOH
Voltage Output High
IOH = -4.0 mA
(1)
2.0
V
VOL
Voltage Output Low
IOL = 4.0 mA
0.4
V
IIN
Input Leakage Current
Vinput = 0V or VDD
-15
+15
uA
VDD_SEL = Float
Vinput = 0V or VIN
-15
-15
VDD_SEL = Low
IIN-P
Input Leakage Current
Vinput = 0V or VDD - 0.05V
-160
+80
uA
4-Level Input (2)
VDD_SEL = Float
Vinput = 0V or VIN - 0.05V
VDD_SEL = Low
LOS AND ENABLE / DISABLE TIMING
TLOS_OFF
Input IDLE to Active
See (3)
0.035
uS
RX_LOS response time
TLOS_ON
Input Active to IDLE
See(3)
0.4
uS
RX_LOS response time
TOFF
TX Disable assert Time
See (3)
0.005
uS
TX_DIS = HIGH to Output OFF
TON
TX Disable negateTime
See (3)
0.150
uS
TX_DIS = LOW to Output ON
TLP_EXIT
Auto Low Power Exit
See (3)
150
nS
ALP to Normal Operation
TLP_ENTER
Auto Low Power Enter
See (3)
100
uS
Normal Operation to Auto Low
Power
CML RECEIVER INPUTS
VTX
Source Transmit Launch Signal
Default power-up conditions
190
800
1600
mV
Level
ENSMB = 0 or 1
RLRX-IN
RX return loss
SDD11 @ 4.1 GHz
-12
dB
SDD11 @ 11.1 GHz
-8
SCD11 @ 11.1 GHz
-10
(1)
Typical jitter reported is determined by jitter decomposition software on the DSA8200 Oscilloscope.
(2)
Input is held to a maximum of 50 mV below VDD or VIN to simulate the use of a 1K resistor on the input.
(3)
Parameter not tested in production.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS100BR111A


Similar Part No. - DS100BR111A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR111A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_15 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111_13 Datasheet
999Kb / 39P
[Old version datasheet]   DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com