Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LX2122 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LX2122
Description  10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LX2122 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS92LX2122 Datasheet HTML 7Page - Texas Instruments DS92LX2122 Datasheet HTML 8Page - Texas Instruments DS92LX2122 Datasheet HTML 9Page - Texas Instruments DS92LX2122 Datasheet HTML 10Page - Texas Instruments DS92LX2122 Datasheet HTML 11Page - Texas Instruments DS92LX2122 Datasheet HTML 12Page - Texas Instruments DS92LX2122 Datasheet HTML 13Page - Texas Instruments DS92LX2122 Datasheet HTML 14Page - Texas Instruments DS92LX2122 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DS92LX2121, DS92LX2122
www.ti.com
SNLS330J – MAY 2010 – REVISED JANUARY 2014
Serializer Electrical Characteristics Deserializer Switching Characteristics
(1)(2)(3)
(continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS Low-to-High Transition
VDDIO: 1.71 V to 1.89 V
tCLH
1.6
2.4
3.3
Time
or 3.0 V to 3.6 V,
Deserializer Data
CL = 8pF (lumped load)
ns
Outputs
LVCMOS High-to-Low Transition
Default Registers
tCHL
1.6
2.4
3.3
Time
(Figure 17) (4)
tROS
ROUT Setup Data to PCLK
VDDIO: 1.71 V to 1.89 V
0.38
0.5
or 3.0 V to 3.6 V, CL =
Deserializer Data
T
8pF (lumped load)
Outputs
tROH
ROUT Hold Data to PCLK
0.38T
0.5T
Default Registers
Default Registers
Register 0x03h b[0]
4.571T +
4.571T +
4.571T
tDD
Deserializer Delay
10 MHz - 50 MHz
ns
(RRFB = 1)
8
12
+ 16
Figure 18
tDDLT
Deserializer Data Lock Time
(5)
10 MHz - 50 MHz
10
ms
tRJIT
Receiver Input Jitter Tolerance
(6) (7)50 MHz
0.53
UI
PCLK
10 MHz
300
550
tDCJ
Deserializer Clock Jitter
SSCG[3:0] = OFF
ps
50 MHz
120
250
(8) (9)
PCLK
10 MHz
425
600
tDPJ
Deserializer Period Jitter
SSCG[3:0] = OFF
ps
320
480
50 MHz
(10) (9)
PCLK
10 MHz
320
500
Deserializer Cycle-to-Cycle Clock
tDCCJ
SSCG[3:0] = OFF
ps
300
500
Jitter
50 MHz
(11) (9)
Spread Spectrum Clocking
±0.5% to
fDEV
20 MHz - 50 MHz
%
LVCMOS Output Bus
Deviation Frequency
±2.0%
SSC[3:0] = ON
Spread Spectrum Clocking
9 kHz to
Figure 20
fMOD
20 MHz - 50 MHz
kHz
Modulation Frequency
66 kHz
(5)
tPLD and tDDLT is the time required by the serializer and deserializer to obtain lock when exiting power-down state with an active PCLK.
(6)
UI – Unit Interval is equivalent to one ideal serialized data bit width. The UI scales with PCLK frequency.
(7)
tRJIT max (0.61UI) is limited by instrumentation and actual tRJIT of in-band jitter at low frequency (<2 MHz) is greater 1 UI.
(8)
tDCJ is the maximum amount of jitter measured over 30,000 samples based on Time Interval Error (TIE).
(9)
Specification is ensured by characterization and is not tested in production.
(10) tDPJ is the maximum amount the period is allowed to deviate measured over 30,000 samples.
(11) tDCCJ is the maximum amount of jitter between adjacent clock cycles measured over 30,000 samples.
Bi-Directional Control Bus AC Timing Specifications (SCL, SDA) - I
2C Compliant (Figure 5)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECOMMENDED INPUT TIMING REQUIREMENTS(1)
fSCL
SCL Clock Frequency
fSCL = 100 kHz
>0
100
kHz
fLOW
SCL Low Period
4.7
µs
fHIGH
SCL High Period
4.0
µs
Hold time for a start or a repeated start
tHD:STA
4.0
µs
condition
Set Up time for a start or a repeated
tSU:STA
4.7
µs
start condition
tHD:DAT
Data Hold Time
0
3.45
µs
tSU:DAT
Data Set Up Time
250
ns
tSU:STO
Set Up Time for STOP Condition,
4.0
µs
tr
SCL & SDA Rise Time
1000
ns
tf
SCL & SDA Fall Time
300
ns
Cb
Capacitive load for bus
400
pF
(1)
Recommended Input Timing Requirements are input specifications and not tested in production.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS92LX2121 DS92LX2122


Similar Part No. - DS92LX2122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LX2122 NSC-DS92LX2122 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX2122 TI-DS92LX2122 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122 TI1-DS92LX2122 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122SQ/NOPB TI1-DS92LX2122SQ/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2122SQE/NOPB TI1-DS92LX2122SQE/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
More results

Similar Description - DS92LX2122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
[Old version datasheet]   MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com