Electronic Components Datasheet Search |
|
SM6T10CA2 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SM6T10CA2 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page SM6T Series www.vishay.com Vishay General Semiconductor Revision: 13-Dec-13 1 Document Number: 88385 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount TRANSZORB® Transient Voltage Suppressors DEVICES FOR BI-DIRECTION APPLICATIONS For bi-directional devices use CA suffix (e.g. SM6T12CA). Electrical characteristics apply in both directions. FEATURES • Low profile package • Ideal for automated placement • Glass passivated chip junction • Available in uni-directional and bi-directional • 600 W peak pulse power capability with a 10/1000 μs waveform • Excellent clamping capability • Low inductance • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive, and telecommunication. MECHANICAL DATA Case: DO-214AA (SMBJ) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant and commercial grade Base P/NHE3 - RoHS-compliant and AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: For uni-directional types the band denotes cathode end, no marking on bi-directional types Notes (1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2. (2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal PRIMARY CHARACTERISTICS VWM 5.80 V to 188 V VBR uni-directional 6.8 V to 220 V VBR bi-directional 6.8 V to 220 V PPPM 600 W PD 5.0 W IFSM (uni-directional only) 100 A TJ max. 150 °C Polarity Uni-directional, bi-directional Package DO-214AA (SMBJ) DO-214AA (SMBJ) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Peak power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1) PPPM 600 W Peak pulse current with a 10/1000 μs waveform (1) (fig. 3) IPPM See next table A Power dissipation on infinite heatsink at TA = 50 °C PD 5.0 W Peak forward surge current 10 ms single half sine-wave uni-directional only (2) IFSM 100 A Operating junction and storage temperature range TJ, TSTG - 65 to + 150 °C |
Similar Part No. - SM6T10CA2 |
|
Similar Description - SM6T10CA2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |