Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ24A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMAJ24A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ24A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMAJ24A Datasheet HTML 1Page - Vishay Siliconix SMAJ24A Datasheet HTML 2Page - Vishay Siliconix SMAJ24A Datasheet HTML 3Page - Vishay Siliconix SMAJ24A Datasheet HTML 4Page - Vishay Siliconix SMAJ24A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAJ5.0A thru SMAJ188CA
www.vishay.com
Vishay General Semiconductor
Revision: 09-Dec-13
3
Document Number: 88390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RJA
120
°C/W
Typical thermal resistance, junction to lead
RJL
30
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMAJ5.0A-E3/61
0.064
61
1800
7" diameter plastic tape and reel
SMAJ5.0A-E3/5A
0.064
5A
7500
13" diameter plastic tape and reel
SMAJ5.0AHE3/61(1)
0.064
61
1800
7" diameter plastic tape and reel
SMAJ5.0AHE3/5A (1)
0.064
5A
7500
13" diameter plastic tape and reel
0.1
1
10
100
td - Pulse Width (μs)
0.1
1
10
100
1000
10 000
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
SMAJ85
thru SMAJ188
SMAJ5.0
thru SMAJ78
Non-Repetitive Pulse
Waveform Shown in Fig. 3
T
A = 25 °C
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)
0
1.0
2.0
3.0
4.0
0
50
100
150
t
d
t - Time (ms)
t
r = 10 μs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 μs Waveform
as Defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
10
100
1000
10 000
10
1
100
200
VWM - Reverse Stand-Off Voltage (V)
Uni-Directional
Bi-Directional
Measured at Stand-off
Voltage V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p


Similar Part No. - SMAJ24A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ24A JGD-SMAJ24A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ24A SOCAY-SMAJ24A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SAMYANG ELECTRONICS CO....
SMAJ24A SAMYANG-SMAJ24A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ24A LITTELFUSE-SMAJ24A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ24A HDSEMI-SMAJ24A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
More results

Similar Description - SMAJ24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com