Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR910Q Datasheet(PDF) 8 Page - Texas Instruments

Part # DS90UR910Q
Description  10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR910Q Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90UR910Q Datasheet HTML 4Page - Texas Instruments DS90UR910Q Datasheet HTML 5Page - Texas Instruments DS90UR910Q Datasheet HTML 6Page - Texas Instruments DS90UR910Q Datasheet HTML 7Page - Texas Instruments DS90UR910Q Datasheet HTML 8Page - Texas Instruments DS90UR910Q Datasheet HTML 9Page - Texas Instruments DS90UR910Q Datasheet HTML 10Page - Texas Instruments DS90UR910Q Datasheet HTML 11Page - Texas Instruments DS90UR910Q Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
DS90UR910Q
SNLS414C – JUNE 2012 – REVISED MAY 2013
www.ti.com
AC SWITCHING CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FPD-LINK II RECEIVER (RIN±)
tIJT
Input Jitter Tolerance, Figure 2
EQ = OFF,
jitter freq < 2MHz
0.9
UI(1)
PCLK = 65MHz
jitter freq > 6MHz
0.5
UI
tDDLT
Deserializer Lock Time, Figure 3
PCLK = 75 MHz
10
ms
HSTX DRIVER AC SPECIFICATIONS (DATA0±, DATA1±, CLK±) Section 8.1.1 of MIPI D-PHY Specification
HSTXDBR
Data bit rate
DATA0±
PCLK = 10-
120
PCLK*12
900
Mbps
DATA1±
75MHz(2)
fCLK
DDR Clock frequency
CLK±
60
PCLK*6
450
MHz
ΔVCMTX(HF)
Common mode voltage variations
Common-level variations above 450
15
mVRMS
HF
MHz(2)
ΔVCMTX(LF)
Common mode voltage variations LF Common-level variations between
25
mVPEAK
50–450 MHz(2)
tRHS
Rise Time HS
20% to 80% rise time(3)
0.3
UIINST
150
ps
tFHS
Fall Time HS
20% to 80% rise time(3)
0.3
UIINST
150
ps
SDDTX
TX differential return loss
See Figure 33 of fLPMAX
–18
dB
MIPI D-PHY
fH
–12
dB
Specification(2)
fMAX
–6
dB
SCCTX
TX common mode return loss
Section 7.7.2 of
fLPMAX to fMAX
MIPI D-PHY
–6
dB
Specification(2)
LPTX DRIVER AC SPECIFICATIONS (DATA0±, DATA1±, CLK±)(4)
Section 8.1.2 of MIPI D-PHY Specification
tRLP
Rise Time
LP 15% to 85% rise time
25
ns
Cload = 70pF lumped capacitance
tFLP
Fall Time
LP 15% to 85% fall time
25
ns
Cload = 70pF lumped capacitance
tREOT
Post-EoT Rise and Fall Time
30%-85% rise time and fall time(2)
35
ns
tLP-PULSE-TX
Pulse width of the LP exclusive-OR
First LP exclusive-OR clock pulse
clock
after Stop state or last pulse before
40
ns
Stop state(2)
All other pulses(2)
20
ns
tLP-PER-TX
Period of the LP exclusive-OR clock
See(2)
90
ns
(1)
UI is equivalent to one serialized data bit width (1UI = 1 / 28*PCLK). The UI scales with PCLK frequency.
(2)
Specification is ensured by design and is not tested in production.
(3)
Specification is ensured by characterization.
(4)
CLOAD includes the low-frequency equivalent transmission line capacitance. The capacitance of TX and RX are assumed to always be
<10 pF. The distributed line capacitance can be up to 50 pF for a transmission line with 2ns delay.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90UR910Q


Similar Part No. - DS90UR910Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910QSQ/NOPB TI1-DS90UR910QSQ/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQE/NOPB TI1-DS90UR910QSQE/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQX/NOPB TI1-DS90UR910QSQX/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
More results

Similar Description - DS90UR910Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910-Q1 TI1-DS90UR910-Q1 Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com