Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR910Q Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90UR910Q
Description  10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR910Q Datasheet(HTML) 4 Page - Texas Instruments

  DS90UR910Q Datasheet HTML 1Page - Texas Instruments DS90UR910Q Datasheet HTML 2Page - Texas Instruments DS90UR910Q Datasheet HTML 3Page - Texas Instruments DS90UR910Q Datasheet HTML 4Page - Texas Instruments DS90UR910Q Datasheet HTML 5Page - Texas Instruments DS90UR910Q Datasheet HTML 6Page - Texas Instruments DS90UR910Q Datasheet HTML 7Page - Texas Instruments DS90UR910Q Datasheet HTML 8Page - Texas Instruments DS90UR910Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DS90UR910Q
SNLS414C – JUNE 2012 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS(1) (continued)
Pin Name
Pin #
I/O, Type
Description
Control and Configuration
Power Down Mode Input
PDB = 1, Device is enabled (normal operation)
I, LVCMOS
PDB
30
PDB = 0, Device is in power-down
w/ pull-down
When the device is in the power-down, outputs are TRI-STATE, control registers are
RESET.
I, LVCMOS
Operating Mode Select
CONFIG[1:0]
10, 11
w/ pull-down
CONFIG[1:0] selects compatibility to FPD-Link II serializers. See Table 1.
Receive equalization control
I, LVCMOS
EQ[3:1] provides 8 combinations of the receive equalization gain settings. See Table 2.
EQ[3:1]
1, 2, 3
w/ pull-down
EQ[3:1] optimizes the input equalizer’s ability to reduce inter-symbol interference from the
loss characteristics of different cable lengths.
BIST Enable Input
I, LVCMOS
BISTEN
29
BISTEN = 1, BIST is enabled
w/ pull-down
BISTEN = 0, BIST is disabled
LOCK Status Output
LOCK
24
O, LVCMOS
LOCK = 1, PLL acquired lock to the reference clock input; DPHY outputs are active
LOCK = 0, PLL is unlocked
Normal mode status output pin (BISTEN = 0)
PASS = 1: No fault detected on input display timing
PASS = 0: Indicates an error condition or corruption in display timing. Fault condition occurs
if:
PASS
25
O, LVCMOS
1) DE length value mismatch measured once in succession
2) VSync length value mismatch measured twice in succession
BIST mode status output pin (BISTEN = 1)
PASS = 1: No error detected
PASS = 0: Error detected
CCI / I2C Serial Control Bus
I, LVCMOS,
Serial Control Bus Clock Input
SCL
6
Open Drain
SCL requires an external pull-up resistor to VDDIO.
I/O, LVCMOS Serial Control Bus Data Input / Output
SDA
5
Open Drain
SDA requires an external pull-up resistor to VDDIO.
I, LVCMOS
Serial Control Bus Device ID Address Select
ID[1:0]
8, 9
w/ pull-down
See Table 5.
Reserved Pins
General Purpose I/O
GPIO
21
I/O
Note: Pin must be left floating during initial power-up.
I, LVCMOS
RES
28
Reserved pin. Must tie Low.
w/ pull-down
Power and Ground
VDDL
7
Power
Power to logic circuitry, 1.8V ±5%
VDDA
39
Power
Power to analog circuitry, 1.8V ±5%
VDDP
40
Power
Power to PLL, 1.8V ±5%
VDDCSI
20
Power
Power to DPHY CSI-2 drivers, 1.8V ±5%
VDDIO
23
Power
Power to LVCMOS I/O circuitry, 1.8V ±5% OR 3.3V ±10% (VDDIO)
4, 14, 17,
GND
22, 27, 32,
Ground
Ground return.
36
DAP is the metal contact at the bottom side, located at the center of the WQFN package. It
should be connected to the GND plane with multiple via to lower the ground impedance and
GND
DAP
Ground
improve the thermal performance of the package. Connected to the ground plane (GND) with
at least 9 vias.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90UR910Q


Similar Part No. - DS90UR910Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910QSQ/NOPB TI1-DS90UR910QSQ/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQE/NOPB TI1-DS90UR910QSQE/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQX/NOPB TI1-DS90UR910QSQX/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
More results

Similar Description - DS90UR910Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910-Q1 TI1-DS90UR910-Q1 Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com