Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V110C3V3C50BL Datasheet(PDF) 1 Page - Vicor Corporation

Part # V110C3V3C50BL
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V110C3V3C50BL Datasheet(HTML) 1 Page - Vicor Corporation

  V110C3V3C50BL Datasheet HTML 1Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 2Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 3Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 4Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 5Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 6Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 7Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 8Page - Vicor Corporation V110C3V3C50BL Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
110 V Input
Micro Family
DC-DC Converter Module
110 V Micro Family
Rev 3.0
vicorpower.com
Page 1 of 12
07/2014
800 927.9474
Absolute Maximum Ratings
Output Voltage
3 V 3 =3.3 V
5 =5 V
8 =8 V
12 = 12 V
15 = 15 V
24 = 24 V
28 = 28 V
36 = 36 V
48 = 48 V
Output Power
Vout
Pout
3.3 V
50 W
5 V
75 W
8 V
75 W
12 V
100 W
15 V
100 W
24 V
100 W
28 V
100 W
36 V
100 W
48 V
100 W, 150 W
Features
DC input range: 66 – 154 V (continuous)
Isolated output
Encapsulated circuitry for shock and
vibration resistance
Extended temperature range
(–55 to +100°C)
Input surge withstand: 250 V for 100 ms
DC output: 3.3 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.3% no load to full load
Efficiency: Up to 87%
Maximum operating temp: 100°C, full load
Power density: up to 91 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost
effectiveness of a mature power component.
High frequency ZCS/ZVS switching
provides high power density with low
noise and high efficiency.
Parameter
Rating
Unit
Notes
+In to –In voltage
–0.5 to +260
Vdc
PC to –In voltage
–0.5 to +7.0
Vdc
PR to –In voltage
–0.5 to +7.0
Vdc
SC to –Out voltage
–0.5 to +1.5
Vdc
–Sense to –Out voltage
1.0
Vdc
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
–55 to +100
°C
M-Grade
Storage Temperature
–65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
< 5 sec; wave solder
750 (390)
°F (°C)
< 7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Part Numbering
e.g. V110C12C100BL
110C
B
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
=
- 10 to +100
- 20 to +125
C
=
- 20 to +100
- 40 to +125
T
=
- 40 to +100
- 40 to +125
H
=
- 40 to +100
- 55 to +125
M
=
- 55 to +100
- 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Applications
Railway/Transportation system applications including communications systems,
information display, lighting, control systems, ticket machines, passenger
entertainment, public address systems, door control, industrial power systems and
power generation systems.
For details on proper operation please refer to:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.
Actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
S
NRTL
CUS
C
US
®
Product Type
V = Standard
S = Enhanced
efficiency
(avail. ≤12
Vout only)


Similar Part No. - V110C3V3C50BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V110C12C100BF VICOR-V110C12C100BF Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110C12C100BF2 VICOR-V110C12C100BF2 Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110C12C100BF3 VICOR-V110C12C100BF3 Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V110C12C100BL2 VICOR-V110C12C100BL2 Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results

Similar Description - V110C3V3C50BL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com