Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78L24CD-TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78L24CD-TR
Description  Positive voltage regulators
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L24CD-TR Datasheet(HTML) 1 Page - STMicroelectronics

  L78L24CD-TR Datasheet HTML 1Page - STMicroelectronics L78L24CD-TR Datasheet HTML 2Page - STMicroelectronics L78L24CD-TR Datasheet HTML 3Page - STMicroelectronics L78L24CD-TR Datasheet HTML 4Page - STMicroelectronics L78L24CD-TR Datasheet HTML 5Page - STMicroelectronics L78L24CD-TR Datasheet HTML 6Page - STMicroelectronics L78L24CD-TR Datasheet HTML 7Page - STMicroelectronics L78L24CD-TR Datasheet HTML 8Page - STMicroelectronics L78L24CD-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This is information on a product in full production.
April 2014
DocID2145 Rev 22
1/47
L78L
Positive voltage regulators
Datasheet
- production data
Features
• Output current up to 100 mA
• Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18;
24 V thermal overload protection
• Short-circuit protection
• No external components are required
• Available in either ± 4% (A) or ± 8% (C)
selection
Description
The L78L series of three-terminal positive
regulators employ internal current limiting and
thermal shutdown, making them essentially
indestructible. If adequate heat-sink is provided,
they can deliver up to 100 mA output current.
They are intended as fixed voltage regulators in a
wide range of applications including local or on-
card regulation for elimination of noise and
distribution problems associated with single-point
regulation. In addition, they can be used with
power pass elements to make high-current
voltage regulators. The L78L series used as
Zener diode/resistor combination replacement,
offers e improvement along with lower quiescent
current and lower noise.
w


Similar Part No. - L78L24CD-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L24CD-TR STMICROELECTRONICS-L78L24CD-TR Datasheet
907Kb / 29P
   Positive voltage regulators
L78L24CD-TR STMICROELECTRONICS-L78L24CD-TR Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L24CD-TR STMICROELECTRONICS-L78L24CD-TR Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
More results

Similar Description - L78L24CD-TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com