Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD312P485 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TD312P485
Description  DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD312P485 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD312P485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD312P485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD312P485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx12P485
2013.12.04-A/1
Page 2 of3
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASSA
(External Circuit Refer to Figure 1-②)
RE
CISPR22/EN55022
CLASSA
(External Circuit Refer to Figure 1-②)
EMS
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. CriteriaB
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
Power Port
±2KV
perf. CriteriaB
(External Circuit Refer to Figure 1-①)
IEC/EN61000-4-4
Signal Port
±1KV
perf. CriteriaB
(External Circuit Refer to Figure 1-③)
EMS
Surge
IEC/EN61000-4-5
Power Port
±1KV/2KV
perf.CriteriaB
(External Circuit Refer to Figure 1-①)
IEC/EN61000-4-5
Signal Port
±4KV/6KV
perf. CriteriaB
(External Circuit Refer to Figure 1-③)
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
OTHER CHARACTERISTICS
Ambient Temperature
Operating temperature:-40℃~+85℃
Transport and Storage temperature:-50℃~+105℃
Operating Humidity
10%~90%
Size
31.8*20.3*9.5(L*W*H) (Unit:mm)
Weight
Approx.10g
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive gas may cause damage to the product
Note:1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical
support team.
EMC RECOMMENDED CIRCUIT
GND
VCC
TXD1
L1
RXD1
CON1
Vo
GND
TXD2
RXD2
CON2
Vo
1
2
3
4
5
9
10
11
12
A1
B1
RGND
VCC
A2
B2
RGND
24
23
22
21
20
16
15
14
13
TVS1 C1
C2
C3
GDT1
R3
R2
TVS4
TVS3
TVS2
R4
TVS5
R5
TVS6
TVS7
GDT2
C4
R1
+
C5
C6
C7
R4
C8
(Figure 1)overall plan(detail parameter refer to item)
(Table 1)
Model
TD312P485
TD512P485
C1
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A
SMCJ6.5A
C2,C3
1uF/25V
L1
10
μH
C4
1nF /2KV
R1
1M
Ω
C5,C6,C7,C8
100pF/100V
TVS2,TVS3
TVS5,TVS6
TVS4,TVS7
SMBJ15CA
R2,R3
R4,R5
10
Ω/2W(Wire wound resistance)
GDT1,GDT2
B3D090L-C


Similar Part No. - TD312P485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
More results

Similar Description - TD312P485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
   DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
   Isolation transceiver module
logo
Aeroflex Circuit Techno...
DRS4485 AEROFLEX-DRS4485 Datasheet
777Kb / 8P
   DRS4485 Dual RS485 Interface Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com