Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4T35AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM4T35AY
Description  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T35AY Datasheet(HTML) 5 Page - STMicroelectronics

  SM4T35AY Datasheet HTML 1Page - STMicroelectronics SM4T35AY Datasheet HTML 2Page - STMicroelectronics SM4T35AY Datasheet HTML 3Page - STMicroelectronics SM4T35AY Datasheet HTML 4Page - STMicroelectronics SM4T35AY Datasheet HTML 5Page - STMicroelectronics SM4T35AY Datasheet HTML 6Page - STMicroelectronics SM4T35AY Datasheet HTML 7Page - STMicroelectronics SM4T35AY Datasheet HTML 8Page - STMicroelectronics SM4T35AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM4TY
Characteristics
Doc ID 17862 Rev 3
5/12
Figure 11.
Peak forward voltage drop versus peak forward current (typical values)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under each lead
Figure 10.
Leakage current versus junction
temperature (typical values)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm²)
Cu
Printed circuit board FR4,
copper thickness = 35 µm
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
I (nA)
R
T (°C)
j
V= V
V10 V
RRM
RM
V= V
V
< 10 V
RRM
RM
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 125 °C
j
I (A)
FM
T = 25 °C
j
V
(V)
FM


Similar Part No. - SM4T35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T35AY STMICROELECTRONICS-SM4T35AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
SM4T35AYCAY STMICROELECTRONICS-SM4T35AYCAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results

Similar Description - SM4T35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com