Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD100-EX-485-RE Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TD100-EX-485-RE
Description  DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD100-EX-485-RE Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD100-EX-485-RE Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD100-EX-485-RE Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD100-EX-485-RE Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TD100-EX-485-xx
2013.06.19-A/2
Page 1 of 3
DETECTION SAFETY BARRIER
RS485 INPUT RS485 OUTPUT
(HALF-DUPLEX)
——TD100-EX-485-xx Series
PART NUMBER SYSTEM
TD100-EX-485-xx
48 5 Signal input
Produ c t s er ies
C hanne l nu m ber
Se ria l nu m b er
Is o la tio n ba rrie r m a rk
FEATURES
l Three-port isolation (input, output and power
supply)
l High isolation voltage (2500VAC/60S)
l High reliability (MTBF>500,000 hours)
GENERAL DESCRIPTION
TD-EX detection side isolated safety barrier, It can supply
isolated DC power of the transmitters from the security zone to the
danger zone, transform the RS-485
digital signal of danger zone
into isolated RS-485 digital signal transmission to the security zone,
while increasing the anti-jamming capability of the industrial
production process control system, to ensure system stability and
reliability. It meets IEC/EN61326 standards.
One independent power supply is required. Moreover, within
the product power supply, input and output are mutually isolated.
Field devices connected with this product: RS-485 bus
SELECTION GUIDE
Power Supply
18~32VDC(Typ. :24VDC)
Power Dissipation
About 2.8W
Power
Power Protection
Reverse protection
Input signal: RS-485 Half-duplex digital signal
Hazardous
Area
On-site power supply:
5V, 6V: I
≤100mA
8V, 9V: I
≤50mA
Safe Area
RS-485 Half-duplex digital signal
SIGNAL CHARACTERISTICS
RS-485
Signal level rules: Standard RS-485 differential level
Transmission delay:
≤10μS
Signal transmission rate:
≤56kbps
ISOLATION CHARACTERISTICS
Galvanic Isolation
intrinsically safe end and non-intrinsically safe end
2500VAC
1Min
EMC CHARACTERISTICS
RE
CISPR22/EN55022
CLASS A
EMI
CE
CISPR22/EN55022
CLASS A
ESD
IEC/EN61000-4-2
Air
±6KV/Contact ±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
3V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria B
IEC/EN61000-4-5
DC Power port
±1KV /±2KV
perf. Criteria B
Surge
I/O Signal port
±1KV(PE)
perf. Criteria B
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
OTHER CHARACTERISTICS
Green: Power, lighting at power on.
Yellow: Send Indicator, safety side lights when data is sending.
Signal Indicator
Red: Receive Indicator, safety side lights when data is receiving.


Similar Part No. - TD100-EX-485-RE

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TD100A TOPSTEK-TD100A Datasheet
98Kb / 2P
   Topstek Current Transducers
logo
NTE Electronics
TD100M10 NTE-TD100M10 Datasheet
17Kb / 1P
   SOLID TANTALUM
TD100M16 NTE-TD100M16 Datasheet
17Kb / 1P
   SOLID TANTALUM
TD100M20 NTE-TD100M20 Datasheet
17Kb / 1P
   SOLID TANTALUM
TD100M25 NTE-TD100M25 Datasheet
17Kb / 1P
   SOLID TANTALUM
More results

Similar Description - TD100-EX-485-RE

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
logo
PHOENIX CONTACT
2744429 PHOENIX-2744429 Datasheet
766Kb / 17P
   Repeater - PSM-ME-RS485/RS485-P
Dec 2, 2022
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C_17 Datasheet
176Kb / 2P
   RS485 & CANBUS communication
logo
PHOENIX CONTACT
106318 PHOENIX-106318 Datasheet
466Kb / 19P
   RAD-RS485-IFS
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC1535 LINER-LTC1535_15 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com