Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32520C6222J189 Datasheet(PDF) 8 Page - EPCOS

Part # B32520C6222J189
Description  Film Capacitors - Metallized Polyester (MKT)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32520C6222J189 Datasheet(HTML) 8 Page - EPCOS

Back Button B32520C6222J189 Datasheet HTML 4Page - EPCOS B32520C6222J189 Datasheet HTML 5Page - EPCOS B32520C6222J189 Datasheet HTML 6Page - EPCOS B32520C6222J189 Datasheet HTML 7Page - EPCOS B32520C6222J189 Datasheet HTML 8Page - EPCOS B32520C6222J189 Datasheet HTML 9Page - EPCOS B32520C6222J189 Datasheet HTML 10Page - EPCOS B32520C6222J189 Datasheet HTML 11Page - EPCOS B32520C6222J189 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 15.0 mm
22.5 mm
27.5 mm
Type
B32522
B32523
B32524
Page
14
17
18
Technology
s
s/w s/w s
w
s
w
w
w
w
w
w
w
w
w
w
VR (V DC)
63
100 250 400 450 630 63
100 250 400 630 63
100 250 400 630
VRMS (V AC)
40
63
160 200 200 200 40
63
160 200 200 40
63
160 200 220
CR (
µF)
0.047
0.068
0.10
0.15
0.22
0.33
0.39
0.47
0.56
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
B32520 ... B32529
General purpose (stacked/wound)
Page 4 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32520C6222J189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520C6222J189 EPCOS-B32520C6222J189 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
logo
TDK Electronics
B32520C6222J189 TDK-B32520C6222J189 Datasheet
1Mb / 49P
   Film Capacitors - Metallized Polyester (MKT)
logo
EPCOS
B32520C6222J189 EPCOS-B32520C6222J189 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
logo
TDK Electronics
B32520C6222J189 TDK-B32520C6222J189 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32520C6222J189 EPCOS-B32520C6222J189 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
More results

Similar Description - B32520C6222J189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com