Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK33-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SK33-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SK33-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  SK33-7-F Datasheet HTML 1Page - Diodes Incorporated SK33-7-F Datasheet HTML 2Page - Diodes Incorporated SK33-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS13006 Rev. 9 - 3
3 of 3
SK32-SK36
www.diodes.com
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
* xx = Device type, e.g. 32 through 36.
5. For lead free terminal plating part number, please add "-F" suffix to part number above. Example: SK36-7-F.
Device*
Packaging
Shipping
SKxx-7
SMC
3000/Tape & Reel
Ordering Information (Note 4 & 5)
SKxx = Product type marking code, ex: SK32
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
SKxx
NOT RECOMMENDED FOR
NEW DESIGN, Use B3X0 Series
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - SK33-7-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK33-AU PANJIT-SK33-AU Datasheet
181Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
SK33-G SMC-SK33-G Datasheet
239Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SK33-LFR FRONTIER-SK33-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SK33-T1 WTE-SK33-T1 Datasheet
43Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK33-T3 WTE-SK33-T3 Datasheet
43Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK33-7-F

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com