Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32520C6682J289 Datasheet(PDF) 9 Page - EPCOS

Part # B32520C6682J289
Description  Film Capacitors - Metallized Polyester (MKT)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32520C6682J289 Datasheet(HTML) 9 Page - EPCOS

Back Button B32520C6682J289 Datasheet HTML 5Page - EPCOS B32520C6682J289 Datasheet HTML 6Page - EPCOS B32520C6682J289 Datasheet HTML 7Page - EPCOS B32520C6682J289 Datasheet HTML 8Page - EPCOS B32520C6682J289 Datasheet HTML 9Page - EPCOS B32520C6682J289 Datasheet HTML 10Page - EPCOS B32520C6682J289 Datasheet HTML 11Page - EPCOS B32520C6682J289 Datasheet HTML 12Page - EPCOS B32520C6682J289 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 37.5 mm
Type
B32526
Page
20
Technology
w
w
w
w
VR (V DC)
63
100
250
400
VRMS (V AC)
40
63
160
200
CR (
µF)
3.3
4.7
5.6
6.8
8.2
10
15
22
33
47
56
68
82
100
150
220
B32520 ... B32529
General purpose (stacked/wound)
Page 5 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32520C6682J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520C6682J289 EPCOS-B32520C6682J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32520C6682J289 EPCOS-B32520C6682J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32520C6682J289 EPCOS-B32520C6682J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32520C6682J289 EPCOS-B32520C6682J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32520C6682J289 EPCOS-B32520C6682J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
More results

Similar Description - B32520C6682J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com