Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1059A Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # SF1059A
Description  350 MHz SAW Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1059A Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button SF1059A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SF1059A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2U874
SCALE
SHEET
OF
A
FSCM NO.
SIZE
DWG NO.
REV
NONE
ECN NO.
SF1059A-013
12256
5
A
4
CH1
S 11
1 U FS
CENTER 350.000 000 MHz
SPAN 20.000 000 MHz
SF1059A DEMO
Cor
Hld
PRm
16 Jun 2004 08:04:43
2
2_: 42.813
6.6855
3.0412 nH
349.871 138 MHz
SF1059A
Demo Board Plots


Similar Part No. - SF1059A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1059A RFM-SF1059A Datasheet
364Kb / 11P
   350.0 MHz SAW Filter
More results

Similar Description - SF1059A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399 Datasheet
597Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0164A TAI-SAW-TB0164A Datasheet
316Kb / 5P
   SAW Filter 350 MHz
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
logo
TriQuint Semiconductor
854565 TRIQUINT-854565_15 Datasheet
458Kb / 6P
   350 MHz SAW Filter
856270 TRIQUINT-856270 Datasheet
584Kb / 5P
   350 MHz SAW Filter
855377 TRIQUINT-855377_15 Datasheet
527Kb / 5P
   350 MHz SAW Filter
logo
API Technologies Corp
SF0350BA03152S APITECH-SF0350BA03152S Datasheet
149Kb / 3P
   350 MHz SAW Filter 5 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com