Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3391D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RF3391D
Description  433.42 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3391D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RF3391D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3391D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2008-2010 by RF Monolithics, Inc.
RF3391D - 12/14/10
3.3 pF
Pin
Connection
1
Input Ground
2
Input
3
Ground
4
Case Ground
5
Output
6
Output Ground
7
Ground
8
Case Ground
Matching Circuit to 50
PRIMARY
Electrical Connections
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.14
0.15
0.16
B
3.6
3.8
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
0.90
1.0
1.10
0.035
0.04
0.043
F
0.50
0.6
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080


Similar Part No. - RF3391D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3391D RFM-RF3391D Datasheet
160Kb / 2P
   433.42 MHz SAW Filter
More results

Similar Description - RF3391D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0128A TAI-SAW-TB0128A Datasheet
336Kb / 5P
   SAW Filter 433.42 MHz
logo
RF Monolithics, Inc
RF3391D RFM-RF3391D Datasheet
160Kb / 2P
   433.42 MHz SAW Filter
RF1391C RFM-RF1391C Datasheet
71Kb / 2P
   433.42 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1391C MURATA-RF1391C Datasheet
81Kb / 2P
   433.42 MHz SAW Filter
logo
EPCOS
B3791 EPCOS-B3791 Datasheet
66Kb / 8P
   SAW filter 433.42 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
   SAW Filter 433.42 MHz SMD 3.8X3.8 mm
logo
Murata Manufacturing Co...
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
   433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
   433.42 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com