Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1414D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RF1414D
Description  372.5 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF1414D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RF1414D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF1414D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RF1414D - 3/21/08
1
2
3
8
Input
Output
7
6
5
4
51 nH
51 nH
7
6
5
4
1
2
3
8
Input
Output
51 nH
51 nH
Pin
Connection
1
Input
2
Input Ground
3
Ground
4
Case Ground
5
Output
6
Output Ground
7
Ground
8
Case Ground
Matching Circuit to 50
Electrical Connections
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D
Pin
Connection
1
Input Ground
2
Input
3
Input Ground
4
Case Ground
5
Output Ground
6
Output
7
Output Ground
8
Case Ground
Optional
Electrical Connections
Matching Circuit to 50
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.14
0.15
0.16
B
3.6
3.8
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
0.90
1.0
1.10
0.035
0.04
0.043
F
0.50
0.6
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operable Temperature Range
-40 to +125
°C
Soldering Temperature
(10 seconds / 5 cycles max.)
260
°C


Similar Part No. - RF1414D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1414D RFM-RF1414D Datasheet
63Kb / 2P
   372.500 MHz SAW Filter
More results

Similar Description - RF1414D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3414E MURATA-RF3414E Datasheet
63Kb / 2P
   372.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0590A TAI-SAW-TA0590A Datasheet
293Kb / 6P
   SAW Filter 372.5 MHz
logo
RF Monolithics, Inc
RF3414E RFM-RF3414E Datasheet
63Kb / 2P
   372.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3134A MURATA-RO3134A Datasheet
391Kb / 2P
   372.5 MHz SAW Resonator
RO3134A MURATA-RO3134A Datasheet
177Kb / 2P
   372.5 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0328A TAI-SAW-TC0328A Datasheet
267Kb / 6P
   SAW Resonator 372.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com