Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UA101-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UA101-Q1
Description  Multi-Channel Digital Audio Link
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UA101-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  DS90UA101-Q1 Datasheet HTML 1Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 2Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 3Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 4Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 5Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 6Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 7Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 8Page - Texas Instruments DS90UA101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
PDB
VDDPLL
VDDT
DOUT-
DOUT+
VDDCML
GPO3
GPO2
DS90UA101-Q1
(Top View)
DIN5
VDDIO
DAP = GND
DIN4
DIN2
DIN3
VDDD
DIN1
DIN0
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
DS90UA101-Q1
SNLS441A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
DS90UA101-Q1 Pin Diagram
Figure 3. DS90UA101-Q1 — Top View
Pin Descriptions
Pin Name
Pin #
I/O, Type
Description
Digital Audio Interface
SCK
3
Input, LVCMOS w/
System clock input.
pull down
Forward channel audio data is clocked from this pin.
LRCK
2
Input, LVCMOS w/
Word clock input.
pull down
BCK
1
Input, LVCMOS w/
Bit clock input.
pull down
DIN[7:0]
23, 24, 26, 27,
Inputs, LVCMOS
Digital audio data inputs. Each input can be in I2S, TDM, LJ, or RJ format.
29, 30, 31, 32
w/ pull down
LVCMOS Parallel Interface
GPI[3:0]
19, 20, 21, 22
Inputs, LVCMOS
General purpose inputs.
w/ pull down
GPO[3:0]
15, 16, 17, 18
Outputs, LVCMOS
General purpose outputs.
Control and Configuration
SCL
4
Input/Output, Open I2C clock line.
Drain
Must have an external pull-up to VDDIO. DO NOT FLOAT.
Recommended pull-up: 4.7 k
Ω.
SDA
5
Input/Output, Open I2C data input/output line.
Drain
Must have an external pull-up to VDDIO. DO NOT FLOAT.
Recommended pull-up: 4.7 k
Ω.
IDx
6
Input, Analog
Device I2C address select.
The IDx pin on the Serializer is used to assign its I2C device address. See Table 2. DO
NOT FLOAT.
SET
8
Input, Analog
Device SET.
Connect to external 10 k
Ω pull-up to 1.8V rail and 100kΩ pull-down to GND. DO NOT
FLOAT.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DS90UA101-Q1


Similar Part No. - DS90UA101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
More results

Similar Description - DS90UA101-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1 Datasheet
1Mb / 46P
[Old version datasheet]   DS90UA102-Q1 Multi-Channel Digital Audio Link
DS90UA101-Q1 TI1-DS90UA101-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   DS90UA101-Q1 Multi-Channel Digital Audio Link
logo
Cirrus Logic
CS4923 CIRRUS-CS4923 Datasheet
678Kb / 56P
   Multi-Channel Digital Audio Decoders
logo
NXP Semiconductors
SAA2505H PHILIPS-SAA2505H Datasheet
177Kb / 28P
   Digital multi-channel audio IC DUET
1998 Mar 10
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
logo
YAMAHA CORPORATION
YSS944 YAMAHA-YSS944 Datasheet
906Kb / 34P
   ADAMB Advanced Digital Audio Multi channel decode processor
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com