Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K246 Datasheet(PDF) 1 Page - NEC

Part # K246
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K246 Datasheet(HTML) 1 Page - NEC

  K246 Datasheet HTML 1Page - NEC K246 Datasheet HTML 2Page - NEC K246 Datasheet HTML 3Page - NEC K246 Datasheet HTML 4Page - NEC K246 Datasheet HTML 5Page - NEC K246 Datasheet HTML 6Page - NEC K246 Datasheet HTML 7Page - NEC K246 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTOR
DESCRIPTION
The 2SK2461 is N-Channel MOS Field Effect Transistor de-
signed for high speed switching applications.
FEATURES
Low On-Resistance
RDS(on)1 = 80 m
Ω MAX. (@ VGS = 10 V, ID = 10 A)
RDS(on)2 = 0.1
Ω MAX. (@ VGS = 4 V, ID = 10 A)
Low Ciss
Ciss = 1400 pF TYP.
Built-in G-S Gate Protection Diodes
High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDSS
100
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±20
A
Drain Current (pulse)*
ID(pulse)
±80
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
35
W
Total Power Dissipation (TA = 25 ˚C) PT2
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
Single Avalanche Current**
IAS
20
A
Single Avalanche Energy**
EAS
40
mJ
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25 ˚C, RG = 25
Ω, VGS = 20 V → 0
2SK2461
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
©
1995
DATA SHEET
Document No. TC-2529
(O. D. No. TC-8078)
Date Published April 1995 P
Printed in Japan
Body
Diode
Source
Drain
Gate
Gate Protection
Diode
MP-45F (ISOLATED TO-220)
10.0 ±0.3
3.2 ±0.2
4.5 ±0.2
2.7 ±0.2
2.5 ±0.1
0.65 ±0.1
1.5 ±0.2
2.54
1.3 ±0.2
2.54
0.7 ±0.1
12 3
1. Gate
2. Drain
3. Source
PACKAGE DIMENSIONS
(in millimeters)


Similar Part No. - K246

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K246 TOSHIBA-K246 Datasheet
163Kb / 3P
   N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT, IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
logo
Rohm
K246 ROHM-K246 Datasheet
137Kb / 4P
   Small switching (60V, 2A)
logo
Sanyo Semicon Device
K246 SANYO-K246 Datasheet
37Kb / 3P
   Ultrahigh-Speed Switching Applications
logo
Siemens Semiconductor G...
K246 SIEMENS-K246 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
logo
Fuji Electric
K246 FUJI-K246 Datasheet
123Kb / 2P
   N-channel MOS-FET
More results

Similar Description - K246

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com