Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS38EP100 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS38EP100
Description  1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS38EP100 Datasheet(HTML) 2 Page - Texas Instruments

  DS38EP100_14 Datasheet HTML 1Page - Texas Instruments DS38EP100_14 Datasheet HTML 2Page - Texas Instruments DS38EP100_14 Datasheet HTML 3Page - Texas Instruments DS38EP100_14 Datasheet HTML 4Page - Texas Instruments DS38EP100_14 Datasheet HTML 5Page - Texas Instruments DS38EP100_14 Datasheet HTML 6Page - Texas Instruments DS38EP100_14 Datasheet HTML 7Page - Texas Instruments DS38EP100_14 Datasheet HTML 8Page - Texas Instruments DS38EP100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6
IOB+
5
NC
4
IOB-
1
2
3
IOA+
NC
IOA-
DAP - NC
DS38EP100
SNLS278B – JULY 2007 – REVISED JULY 2007
www.ti.com
PIN DESCRIPTIONS
Pin Name
Pin Number
I/O, Type
Description
High Speed Differential I/O
IOA-
3
I/O
Symmetric differential I/O.
IOA+
1
IOB-
4
I/O
Symmetric differential I/O.
IOB+
6
NC
2, 5
N/A
Reserved.
Exposed
DAP
Do not connect.
Pad
Pin Diagram
2.2mm × 2.5mm 6-Pin WSON Package
Bottom View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
INPUT/OUTPUT
(IOA+ and IOB+) or (IOA- and IOB-)
+2V
(IOA+ and IOA-) or (IOB+ and IOB-)
+4V
(IOA+ and IOB-) or (IOA- and IOB+)
+4V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
Soldering, 4 sec
+260°C
ESD Rating
HBM, 1.5 k
Ω, 100 pF
1.3kV
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Recommended Operating Conditions
Min
Typ
Max
Units
Operating Temperature
−40
25
+85
°C
Bit Rate
1
5
Gbps
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: DS38EP100


Similar Part No. - DS38EP100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_13 Datasheet
6Mb / 17P
[Old version datasheet]   DS38EP100 1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
More results

Similar Description - DS38EP100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS38EP100 NSC-DS38EP100 Datasheet
5Mb / 16P
   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_13 Datasheet
6Mb / 17P
[Old version datasheet]   DS38EP100 1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Maxim Integrated Produc...
MAX3787 MAXIM-MAX3787 Datasheet
2Mb / 15P
   1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Rev 2; 2/08
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com