Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32EV400 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS32EV400
Description  DisplayPort??Quad Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EV400 Datasheet(HTML) 3 Page - Texas Instruments

  DS32EV400 Datasheet HTML 1Page - Texas Instruments DS32EV400 Datasheet HTML 2Page - Texas Instruments DS32EV400 Datasheet HTML 3Page - Texas Instruments DS32EV400 Datasheet HTML 4Page - Texas Instruments DS32EV400 Datasheet HTML 5Page - Texas Instruments DS32EV400 Datasheet HTML 6Page - Texas Instruments DS32EV400 Datasheet HTML 7Page - Texas Instruments DS32EV400 Datasheet HTML 8Page - Texas Instruments DS32EV400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS32EV400
www.ti.com
SNLS280E – AUGUST 2007 – REVISED OCTOBER 2009
PIN DESCRIPTIONS
Pin Name
Pin #
I/O, Type(1)
Description
HIGH SPEED DIFFERENTIAL I/O
IN_0+
1
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. An on-chip 100
IN_0–
2
terminating resistor is connected between IN_0+ and IN_0-. Refer to Figure 6.
IN_1+
4
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. An on-chip 100
IN_1–
5
terminating resistor is connected between IN_1+ and IN_1-. Refer to Figure 6.
IN_2+
8
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. An on-chip 100
IN_2–
9
terminating resistor is connected between IN_2+ and IN_2-. Refer to Figure 6.
IN_3+
11
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. An on-chip 100
IN_3–
12
terminating resistor is connected between IN_3+ and IN_3-. Refer to Figure 6.
OUT_0+
36
O, CML
Inverting and non-inverting CML differential outputs from the equalizer. An on-chip 50
OUT_0–
35
terminating resistor connects OUT_0+ to VDD and OUT_0- to VDD.
OUT_1+
33
O, CML
Inverting and non-inverting CML differential outputs from the equalizer. An on-chip 50
OUT_1–
32
terminating resistor connects OUT_1+ to VDD and OUT_1- to VDD.
OUT_2+
29
O, CML
Inverting and non-inverting CML differential outputs from the equalizer. An on-chip 50
OUT_2–
28
terminating resistor connects OUT_2+ to VDD and OUT_2- to VDD.
OUT_3+
26
O, CML
Inverting and non-inverting CML differential outputs from the equalizer. An on-chip 50
OUT_3–
25
terminating resistor connects OUT_3+ to VDD and OUT_3- to VDD.
EQUALIZATION CONTROL
BST_2
37
I, LVCMOS
BST_2, BST_1, and BST_0 select the equalizer strength for all EQ channels. BST_2 is
BST_1
14
internally pulled high. BST_1 and BST_0 are internally pulled low.
BST_0
23
DEVICE CONTROL
EN0
44
I, LVCMOS
Enable Equalizer Channel 0 input. When held High, normal operation is selected. When held
Low, standby mode is selected. EN is internally pulled High.
EN1
42
I, LVCMOS
Enable Equalizer Channel 1 input. When held High, normal operation is selected. When held
Low, standby mode is selected. EN is internally pulled High.
EN2
40
I, LVCMOS
Enable Equalizer Channel 2 input. When held High, normal operation is selected. When held
Low, standby mode is selected. EN is internally pulled High.
EN3
38
I, LVCMOS
Enable Equalizer Channel 3 input. When held High, normal operation is selected. When held
Low, standby mode is selected. EN is internally pulled High.
FEB
21
I, LVCMOS
Force External Boost. When held high, the equalizer boost setting is controlled by BST_[2:0]
pins. When held low, the equalizer boost setting is controlled by SMBus (see Table 1) register
bits. FEB is internally pulled High.
SD0
45
O, LVCMOS
Equalizer Ch0 Signal Detect Output. Produces a High when signal is detected.
SD1
43
O, LVCMOS
Equalizer Ch1 Signal Detect Output. Produces a High when signal is detected.
SD2
41
O, LVCMOS
Equalizer Ch2 Signal Detect Output. Produces a High when signal is detected.
SD3
39
O, LVCMOS
Equalizer Ch3 Signal Detect Output. Produces a High when signal is detected.
POWER
VDD
3, 6, 7,
Power
VDD = 2.5V ± 5% or 3.3V ± 10%. VDD pins should be tied to VDD plane through low inductance
10, 13,
path. A 0.01µF bypass capacitor should be connected between each VDD pin to GND planes.
15, 46
GND
22, 24,
Power
Ground reference. GND should be tied to a solid ground plane through a low impedance path.
27, 30,
31, 34
DAP
PAD
Power
Ground reference. The exposed pad at the center of the package must be connected to ground
plane of the board.
SERIAL MANAGEMENT BUS (SMBus) INTERFACE CONTROL PINS
SDA
18
I/O, LVCMOS
Data input/output (bi-directional). Internally pulled high.
SDC
17
I, LVCMOS
Clock input. Internally pulled high.
CS
16
I, LVCMOS
Chip select. When pulled high, access to the equalizer SMBus registers are enabled. When
pulled low, access to the equalizer SMBus registers are disabled. Please refer to System
Management Bus (SMBus) and Configuration Registers for detailed information.
Other
Reserv
19, 20
Reserved. Do not connect.
47,48
(1)
I = Input, O = Output
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS32EV400


Similar Part No. - DS32EV400

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS32EV400SQ NSC-DS32EV400SQ Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400SQ/NOPB TI1-DS32EV400SQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
More results

Similar Description - DS32EV400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX14950 MAXIM-MAX14950 Datasheet
3Mb / 17P
   Quad PCI Express Equalizer/Redriver
Rev 1; 11/12
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981_08 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com