Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB4809(M)D-3W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # MSB4809(M)D-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSB4809(M)D-3W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  MSB4809(M)D-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSB4809(M)D-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSB4809(M)D-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MSB4809(M)D-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. MSB4809(M)D-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. MSB4809(M)D-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
MSA_(M)D-3W&MSB_(M)D-3W
B/0-2012
Page 3 of 6
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above 71)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
15
--
Soldering Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS A(External Circuit Refer to Figure1-②)
ESD
IEC/EN61000-4-2
Contact
±4KV perf. Criteria B
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B(External Circuit Refer to Figure 1-①)
EMS
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(External Circuit Refer to Figure 1-①)
EMC RECOMMENDED CIRCUIT
L D M2
C0
TVS
L D M1
M OV
FU SE
+
Vin
G ND
+ Vo
- Vo
( 0 V)
EUT
L O AD
C1
C3
C2
Vin
G ND
(Figure1)
MSA_(M)D-3W Recommended external circuit parameters:
Model
Vin: 5V
Vin: 12V
Vin: 24V
Vin: 48V
FUSE
Choose according to practical input current
MOV
--
--
10D560K
10D101K
LDM1
--
--
56
μH
56
μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ90A
EMS
C0
680
μF/16V
680
μF/25V
120
μF/50V
120
μF/100V
C0
680
μF/16V
--
--
--
C1
--
4.7
μF/50V
4.7
μF/50V
4.7
μF/100V
C2
--
--
100pF/2KV
(MSA24_D-3W)
1000pF/2KV
(MSA24_MD-3W)
EMI
C3
--
--
--
100pF/2KV
(MSA48_D-3W)
MSB_(M)D-3W Recommended external circuit parameters:
Model
Vin: 5V
Vin: 12V
Vin: 24V
Vin: 48V
FUSE
Choose according to practical input current
MOV
--
--
10D560K
10D101K
LDM1
--
--
56
μH
56
μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ100A
EMS
C0
680
μF/16V
680
μF/25V
120
μF/50V
120
μF/100V
C0
680
μF/16V
--
--
--
LDM2
4.7
μH
(MSB05_MD-3W)
--
--
--
C1
--
4.7
μF/50V
4.7
μF/50V
4.7
μF/100V
C2
--
100pF/2KV
(MSB12_D-3W)
1000pF/2KV
(MSB12_MD-3W)
1000pF/2KV
(MSB24_MD-3W)
100pF/2KV
(MSB48_MD-3W)
EMI
C3
--
100pF/2KV
100pF/2KV
100pF/2KV
Note: 1. In Figure 1,part
is EMS Recommended external circuit, part
is EMI recommended external circuit. Choose according to requirements.
①②
2. If there is no recommended parameters, the model no require the external component.


Similar Part No. - MSB4809(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSB4809MD-3W MORNSUN-MSB4809MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSB4809(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com