Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERC04F Datasheet(PDF) 2 Page - Fuji Electric

Part # ERC04F
Description  GENERAL USE RECTIFIER DIODE(200V to 400V / 1.5A )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERC04F Datasheet(HTML) 2 Page - Fuji Electric

  ERC04F Datasheet HTML 1Page - Fuji Electric ERC04F Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERC04(F) (1.5A)
(200V to 400V / 1.5A )
Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward characteristics
VF [V]
Reverse characteristics
0
100
200
300
400
600
VR [V]
IF
[A]
IR
[µA]
Current derating (IF(AV)-Ta)
Surge capability
IF(AV)
[A]
IFSM
[A]
Ta [°C]
1
3
5
10
30
10
5
1.0
0.5
100
50
30
10
0
20
40
60
80
100
120 140
1.5
1.0
0.5
0
5
3
1.0
0.5
0.1
0.05
[time] (at 50Hz)


Similar Part No. - ERC04F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
38Kb / 2P
   GENERAL USE RECTIFIER DIODE
logo
Diode Semiconductor Kor...
ERC04-02 DSK-ERC04-02 Datasheet
254Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
ERC04-02 LUGUANG-ERC04-02 Datasheet
1Mb / 2P
   Plastic Silicon Rectifiers
logo
Galaxy Semi-Conductor H...
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - ERC04F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC30 FUJI-ERC30 Datasheet
43Kb / 2P
   FAST RECOVERY DIODE( 100 to 200V / 1.5A )
logo
Hitachi Semiconductor
DSM1D HITACHI-DSM1D Datasheet
60Kb / 3P
   GENERAL-USE RECTIFIER DIODE
DSA3A HITACHI-DSA3A Datasheet
52Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
   GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
   GENERAL USE RECTIFIER DIODE
ERC12 FUJI-ERC12 Datasheet
9Kb / 1P
   GENERAL USE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com