Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1911MZ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQP1911MZ
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1911MZ Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECQP1911MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1911MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1911MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1911MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1911MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1911MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1000
500
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 100VDC, Capacitance tolerance : ± 1% (F), ± 2 % (G), ± 5 % (J)
Part No.
Cap.
(µF)
Quantity
Ammo
300
Dimensions (mm)
L max.
T max.
H max.
S
ød
ECQP1752MZ( )
ECQP1822MZ( )
ECQP1912MZ( )
ECQP1103MZ( )
ECQP1113MZ( )
ECQP1123MZ( )
ECQP1133MZ( )
ECQP1153MZ( )
ECQP1163MZ( )
ECQP1183MZ( )
ECQP1203MZ( )
ECQP1223MZ( )
ECQP1243MZ( )
ECQP1273MZ( )
ECQP1303MZ( )
ECQP1333MZ( )
ECQP1363MZ( )
ECQP1393MZ( )
ECQP1433MZ( )
ECQP1473MZ( )
ECQP1513MZ( )
ECQP1563MZ( )
ECQP1623MZ( )
ECQP1683MZ( )
ECQP1753MZ( )
ECQP1823MZ( )
ECQP1913MZ( )
ECQP1104MZ( )
ECQP1114MZ( )
ECQP1124MZ( )
ECQP1134MZ( )
ECQP1154MZ( )
ECQP1164MZ( )
ECQP1184MZ( )
ECQP1204MZ( )
ECQP1224MZ( )
ECQP1244MZ( )
ECQP1274MZ( )
ECQP1304MZ( )
ECQP1334MZ( )
ECQP1364MZ( )
ECQP1394MZ( )
ECQP1434MZ( )
ECQP1474MZ( )
0.0075
13.0
5.5
14.0
5.0
0.60
0.0082
13.0
5.5
14.0
5.0
0.60
0.0091
13.0
5.0
13.0
5.0
0.60
0.01
13.0
5.0
13.5
5.0
0.60
0.011
13.0
5.0
13.5
5.0
0.60
0.012
13.0
5.0
13.5
5.0
0.60
0.013
13.0
5.0
13.5
5.0
0.60
0.015
13.0
5.5
14.0
5.0
0.60
0.016
13.0
5.5
14.0
5.0
0.60
0.018
13.0
6.0
15.0
5.0
0.60
0.02
16.0
5.5
15.0
5.0
0.60
0.022
16.0
5.5
15.0
5.0
0.60
0.024
16.0
5.5
15.0
5.0
0.60
0.027
16.0
6.0
15.0
5.0
0.60
0.03
16.0
6.0
15.5
5.0
0.60
0.033
16.0
6.5
15.5
5.0
0.60
0.036
16.0
6.5
15.5
5.0
0.60
0.039
16.0
7.0
16.0
5.0
0.60
0.043
16.0
7.5
16.0
5.0
0.60
0.047
16.0
7.5
16.5
5.0
0.60
0.051
18.0
6.5
17.0
7.5
0.60
0.056
18.0
6.5
17.0
7.5
0.60
0.062
18.0
7.0
17.5
7.5
0.60
0.068
18.0
7.0
17.5
7.5
0.60
0.075
18.0
7.0
18.0
7.5
0.60
0.082
18.0
7.0
18.5
7.5
0.60
0.091
18.0
7.5
18.5
7.5
0.60
0.1
18.5
7.5
19.0
7.5
0.60
0.11
18.5
7.5
19.0
10.0
0.60
0.12
18.5
8.5
19.5
10.0
0.60
0.13
18.5
9.0
20.0
10.0
0.60
0.15
18.5
9.5
20.5
10.0
0.60
0.16
18.5
9.5
20.5
12.5
0.60
0.18
19.0
10.0
21.0
12.5
0.60
0.20
19.0
10.5
21.5
12.5
0.60
0.22
19.0
11.0
22.0
12.5
0.60
0.24
25.0
9.0
21.5
12.5
0.80
0.27
25.0
9.5
22.0
12.5
0.80
0.30
25.0
10.0
22.5
12.5
0.80
0.33
25.0
10.0
23.0
12.5
0.80
0.36
25.0
10.5
23.5
12.5
0.80
0.39
25.0
11.0
24.0
12.5
0.80
0.43
25.0
11.5
24.5
12.5
0.80
0.47
25.0
12.0
25.0
12.5
0.80
StyleT: 0.0075 to 0.15, 0.24 to 0.47 µF
StyleN:0.16 to 0.22 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1911MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1911MZ PANASONIC-ECQP1911MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1911MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com