Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB1215(M)D-3W Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # MSB1215(M)D-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSB1215(M)D-3W Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  MSB1215(M)D-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSB1215(M)D-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSB1215(M)D-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MSB1215(M)D-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. MSB1215(M)D-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. MSB1215(M)D-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
MSA_(M)D-3W&MSB_(M)D-3W
B/0-2012
Page 6 of 6
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Co ut
DC
DC
-Vo
Cout
Dual Output
Single Output
(Figure 3)
4) Input current
Nominal input voltage range.The input current of the power supply must be sufficient to the startup current (Ip) of the DC/DC module(Figure 4).
General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
(Figure 4)
5) Cannot use in parallel and hot swap
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. Max. Capacitive Load tested at input voltage range and full load.
3. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on our corporate standards.
5. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail.
6. Contact us for your specific requirement.
7. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - MSB1215(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSB1215MD-3W MORNSUN-MSB1215MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSB1215(M)D-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com