Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH40-10C0512-06 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH40-10C0512-06
Description  40W竊?AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH40-10C0512-06 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH40-10C0512-06 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH40-10C0512-06 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH40-10C0512-06 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH40-10C0512-06 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH40-10C0512-06 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH40 series
2013.08.28-A/1
Page 5 of 5
EXTERNAL CIRCUIT PARAMETERS
Model
C2(uF)
C4(uF)
C6(uF)
C1, C3, C5(uF)
TVS 1
TVS 2
TVS 3
LH40-10B03
680
\
\
1
SMBJ7.0A
\
\
LH40-10B05
680
\
\
1
SMBJ7.0A
\
\
LH40-10B09
330
\
\
1
SMBJ12A
\
\
LH40-10B12
220
\
\
1
SMBJ20A
\
\
LH40-10B15
220
\
\
1
SMBJ20A
\
\
LH40-10B24
120
\
\
1
SMBJ30A
\
\
LH40-10D0512-13
680
220
\
1
SMBJ7.0A
SMBJ20A
\
LH40-10D0524-06
680
120
\
1
SMBJ7.0A
SMBJ30A
\
LH40-10A05
680
680
\
1
SMBJ7.0A
SMBJ7.0A
\
LH40-10A12
220
220
\
1
SMBJ20A
SMBJ20A
\
LH40-10A15
220
220
\
1
SMBJ20A
SMBJ20A
\
LH40-10C0512-06
680
220
220
1
SMBJ7.0A
SMBJ20A
SMBJ20A
LH40-10C0515-05
680
220
220
1
SMBJ7.0A
SMBJ20A
SMBJ20A
Note:
1. Output filtering capacitors C2 is a electrolytic capacitor, It is recommended to use high frequency and low impedance electrolytic capacitors . For capacitance and
current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C1 is ceramic capacitor. it is used to filter high
frequency noise. TVS is a recommended component to protect post-circuits (if converter fails).
2. For standard EMC requirement, please refer to figure 1 to figure 4.If higher EMC requirement , please refer to figure 6(LH40-10Axx/LH40Dxx/LH40-10Cxx Adjust the
corresponding output circuit), recommended parameters are shown in the table below.
Recommend Parameter For Higher EMC Standard Circuit
Components
Recommend Parameter
MOV1
S14K350
MOV2, MOV3
S07K350
CX
0.15
µF/300VAC
CY1
2.2nF/400VAC
CY2
2.2nF /400VAC
R1
1M
Ω/2W
LCM
2.2mH, recommended to use MORNSUN
’s FL2D-10-222
NTC
5D-14
FUSE
3.15A/250V, slow blow, it must be connected to FUSE
DIMENSIONS, RECOMMENDED FOOTPRINT&PACKAGING
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - LH40-10C0512-06

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10A05 MORNSUN-LH40-10A05 Datasheet
428Kb / 7P
   40W, AC/DC converter
LH40-10A12 MORNSUN-LH40-10A12 Datasheet
428Kb / 7P
   40W, AC/DC converter
LH40-10A15 MORNSUN-LH40-10A15 Datasheet
428Kb / 7P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03 Datasheet
428Kb / 7P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
More results

Similar Description - LH40-10C0512-06

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
   40W, AC/DC converter
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
logo
Murata Power Solutions ...
MVAD040-24 MURATA-PS-MVAD040-24 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
MVAD040-48 MURATA-PS-MVAD040-48 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
HY-LINE Power Component...
P40A24S3P3 HY-LINE-P40A24S3P3 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com