Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42377-0290 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42377-0290
Description  KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 10 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42377-0290 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42377-0290 Datasheet HTML 1Page - Molex Electronics Ltd. 42377-0290 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Process Temperature max. C
235
Material Info
Old Part Number
42377-0290
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42377-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42377-0290

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0294 MOLEX3-42377-0294 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 14 Circuits
42377-0294 MOLEX11-42377-0294 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
42377-0296 MOLEX3-42377-0296 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 16 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244")
42377-0296 MOLEX11-42377-0296 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 16 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
42377-0298 MOLEX3-42377-0298 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 18 Circuits
More results

Similar Description - 42377-0290

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-8054 MOLEX11-22-28-8054 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 5 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8364 MOLEX11-22-28-8364 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 36 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8094 MOLEX11-22-28-8094 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8244 MOLEX11-22-28-8244 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 24 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8184 MOLEX11-22-28-8184 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 18 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8024 MOLEX11-22-28-8024 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 2 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8164 MOLEX11-22-28-8164 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 16 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8064 MOLEX11-22-28-8064 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 6 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8194 MOLEX11-22-28-8194 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 19 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
22-28-8144 MOLEX11-22-28-8144 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com