Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LI72-20B24 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LI72-20B24
Description  DIN-RAIL POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LI72-20B24 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LI72-20B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LI72-20B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LI72-20B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LI72-20B24
2013.09.26-A/0
Page1 of3
SELECTION GUIDE
Model
Package
Power
Output (Vo/Io)
Max. Capacitive
Load
Ripple and
Noise
(Max.)
efficiency
(230VAC,Typ)
Standby Power
Consumption
(Max)
LI72-20B24
113*116*45mm
72W
24VDC/3A
2000
µF
150mV
86%
0.5W
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC Input
165
--
264
V
DC Input
180
--
370
Input Frequency
47
--
63
Hz
Input Current
230VAC
--
--
1.0
A
Inrush Current
230VAC
--
50
--
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±3
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%~100% Load
--
±2
--
Ripple& Noise
20MHz Bandwidth(p-p)
--
100
150
mV
Min Load
1
--
--
%
Output Voltage Range Regulation( Adj)
--
--
±5
Hold-up Time
230VAC
--
60
--
ms
Short Circuit Protection
Continuous, and auto recovery
Over Current Protection
110~150% Io ,and auto recovery
Over Voltage Protection
Zener diode clamp
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+85
Storage Humidity
--
--
95
%RH
Temperature coefficient
--
±0.02
--
%/℃
Power derating
-40℃~-30℃
4.0
--
--
%/ ℃
+55℃~+70℃
2.5
--
--
RoHS
LI72-20BXX SERIES
DIN-RAIL POWER SUPPLIES
LI72-20BXX is a series of DIN-Rail green power supplies with high efficiency
and excellent price/performance ratio provided by MORNSUN.
This series provide
stability and high immunity against electrical disturbance for loads in industrial
process controls, machine tools and other equipment exposed toa difficult industrial
environment. Compact size, light weight, standard Din Rail installation (35mm) and
other features of these supplies, which saves a lot of space for your design.
PRODUCT FEATURES
1. Input range:165~264VAC/180~370VDC
2. AC and DC all in one (input from the same terminal)
3. Low standby power, high efficiency,4000VAC safe isolation
4. low ripple and noise
5. Protection of output short circuit, over-current, over- voltage
6. Perfect EMC performance, and surge meet
±2KV/±4KV
PART NUMBER SYSTEM
LI72-20B24


Similar Part No. - LI72-20B24

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI720Z SEOUL-LI720Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LI721 SEOUL-LI721 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LI721 SEOUL-LI721 Datasheet
360Kb / 13P
   CYAN LAMP LED
LI721 SEOUL-LI721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LI721 SEOUL-LI721 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LI72-20B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
   DIN-RAIL POWER SUPPLIES
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
MORNSUN Science& Techno...
LI24-10B05 MORNSUN-LI24-10B05 Datasheet
56Kb / 2P
   24W, SINGLE OUTPUT DIN-RAIL POWER SUPPLIES
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
Altech corporation
PSW-120 ALTECH-PSW-120 Datasheet
720Kb / 2P
   DIN Rail Power Supplies 5A 24VDC 120W
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
Omron Electronics LLC
S82S OMRON-S82S Datasheet
1,013Kb / 7P
   Miniature DIN Rail Mounting DC-DC Power Supplies
logo
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
DPP120-12 RSG-DPP120-12 Datasheet
403Kb / 3P
   120W & 240W Single Output DIN Rail Mount Power Supplies
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
   120W - 480W Single Output DIN Rail Mount Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com