Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH25-10B37 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH25-10B37
Description  AC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-10B37 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH25-10B37 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-10B37 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-10B37 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-10B37 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH25-10B37
A/0-2012
Page 3 of 4
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
C2
C1
T VS1 RL
NTC
FUSE
(Figure 1)
L
N
+Vo
-Vo
AC-DC
L
N
+Vo
-Vo
(Figure 2)
Note: This application is not supported for this series.
ca n u se MO RNS UN
’s FC- L 01D
FUSE
OUTPUT
N
L
N
L
LCM
MOV1
R2
R1
R3
CX
CY3
CY4
A CDC
CY1
CY2
Figure 3: Recommended circuit for application require higher EMC standard
(external circuit output same as above)
Figure 4: EMC application circuit PCB layout
Safety and recommend wiring: linewidth A≥3mm,B≥6mm,C≥9mm
EXTERNAL CAPACITORS TYPICAL VALUE(Unit:
µF)
MODEL
C1
C2
NTC
TVS1
LH25-10B37
1
68
5D-9
SMBJ43A
Note:
1. Output filtering capacitors C2 is electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For capacitance and current
of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C1 is use to filter high frequency noise,suggest choose 1µF.
TVS is recommended component to protect post-circuits (if converter fails). External input NTC is recommended to use 5D-9.
2. For standard EMC requirement, please refer to figure 1, if higher EMC requirement, please refer to figure 3.
MOV: Varistor, model: 561KD14, it is used to protect the device under surge;
R1 、R2:2
Ω/3W Winding resistor;
R3:1M
Ω/2W ;
CY1、CY2、CY3、CY4:102M/400VAC;
CX:224K/275VAC;
LCM:10mH-30mH;
FC-L01D:MORNSUN
’s 2KV/4KV Surge protector.
3. FUSE:recommended to use 3.15A/250V.
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT
70.00
[2.756]
62.00
[2.440]
5
4
1
2
3
Trim
3
5
4
1
2
Trim
Ф1.00[0.039]
Ф1.50[0.059]
1
2
3
4
5
AC(N)
AC(L)
-Vo
+Vo
Pin
Funct ion
Trim
Trim
Note:
Unit:mm[inch]
Pin
tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.50mm[±0.020inch]
diameter
(Front View)
(Bottom View)
Note: grid2.54*2.54mm.
FOOTPRIN T DETAILS


Similar Part No. - LH25-10B37

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B03 MORNSUN-LH25-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH25-10B03 MORNSUN-LH25-10B03 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH25-10B05 MORNSUN-LH25-10B05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH25-10B05 MORNSUN-LH25-10B05 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH25-10B05ER2 MORNSUN-LH25-10B05ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH25-10B37

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com