Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJMFF1C106Z Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECJMFF1C106Z
Description  Multilayer Ceramic Capacitors(High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJMFF1C106Z Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECJMFF1C106Z Datasheet HTML 1Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 2Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 3Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 4Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 5Page - Panasonic Semiconductor ECJMFF1C106Z Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
– EC6 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High Capacitance)
Rated VoltageDC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FF
F
Y5V
FY5V
1
+80,
–20 %(Z)
ECJ2FF1H105Z 1.25
ECJ2FF1E105Z
1.25
ECJ2VF1C105Z
0.85
2.2
ECJ2FF1E225Z 1.25
ECJGVF1C225Z 0.85
4.7
ECJGVF1C475Z 0.85
ECJGVF1A475Z 0.85
10
ECJ2FF1A106Z
1.25
Rated Voltage
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
X5R
X5R
B
X5R
X5R
1
±10 %(K)
or
±20 %(M)
ECJ2FB1E105
1.25
ECJ2FB1C105
1.25
ECJ2FB1A105
1.25
2.2
ECJ2FB1E225
1.25
ECJ2FB1C225
1.25
ECJ2FB1A225
1.25
ECJ2FB0J225
1.25
4.7
ECJ2FB1E475
1.25
ECJ2FB1C475
1.25
ECJ2FB1A475
1.25
ECJ2FB0J475
1.25
10
ECJ2FB1C106
1.25✽✽
ECJ2FB1A106
1.25✽✽
ECJ2FB0J106
1.25✽✽
22
ECJ2FB1A226M 1.25✽✽
ECJ2FB0J226M 1.25✽✽
Rated VoltageDC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FF
F
Y5V
FY5V
1
+80,
–20 %(Z)
ECJ1VF1E105Z
0.8
ECJ1VF1C105Z 0.8
ECJ1VF1A105Z
0.8
2.2
ECJ1VF1A225Z 0.8
ECJ1VF0J225Z
0.8
Rated VoltageDC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
X5R
X5R
X5R
X5R
1
±10 %(K)
or
±20 %(M)
ECJ1VB1E105
0.8
ECJ1VB1C105
0.8
ECJ1VB1A105
0.8
ECJ1VB0J105
0.8
2.2
ECJ1VB1C225 0.8
ECJ1VB1A225 0.8
ECJ1VB0J225
0.8
4.7
ECJ1VB1C475 0.8✽✽
ECJ1VB1A475 0.8
ECJ1VB0J475 0.8
10
ECJ1VB1A106M0.8✽✽
ECJ1VB0J106M0.8✽✽
Rated Voltage
DC 16 V
DC 10 V
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
X5R
X5R
X5R
1
±10 %(K)
or ±20 %(M)
ECJ0EB1C105M 0.5
ECJ0EB1A105
0.5
ECJ0EB0J105
0.5
2.2
ECJ0EB0J225M 0.5
4.7
ECJ0EB0J475M 0.5
Rated VoltageDC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
FY5V
1 +80, –20 % (Z) ECJ0EF0J105Z 0.5
Standard Products for EIA Size “0402”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : X5R)
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel.
Recommend soldering method : Reflow soldering.
Standard Products for EIA Size “0603”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : X5R)
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel.
Standard Products for EIA Size “0805”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X5R)
Dimensional tolerance of L, W, T : L, W: ±0.15 mm / T : ±0.1 mm for no mark, ±0.15 mm for “
✽”mark.
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel.
Soldering method of dimension T > 1 mm: Avoid flow soldering.
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
: Capacitance tolerance code : “ ” for “K” or “M”
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel.
✽” : Avoid flow soldering.
✽✽” : “L”, “W”, “T” Dimension Tolerance ±0.15 mm
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T : ±0.1 mm for no mark, ±0.15 mm for “
✽” mark, ±0.2 mm for “✽✽”mark.
Standard packaging quantity of Packaging Style Code “F” (T = 1.25 mm): 3,000 pcs./reel.
Avoid flow soldering.
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T : ±0.05 mm for no mark,
+0.15 mm for “
✽” mark.
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm) : 10,000 pcs./reel.
Avoid flow soldering.
–0.05
02 Dec. 2008


Similar Part No. - ECJMFF1C106Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1C106Z PANASONIC-ECJMFF1C106Z Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
More results

Similar Description - ECJMFF1C106Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2FB1E105K PANASONIC-ECJ-2FB1E105K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com