Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC021AVGZ-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC021AVGZ-3.3
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC021AVGZ-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  CLC021AVGZ-3.3 Datasheet HTML 1Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 2Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 3Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 4Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 5Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 6Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 7Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 8Page - Texas Instruments CLC021AVGZ-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CLC021
SNLS068H – MAY 2000 – REVISED APRIL 2013
www.ti.com
DESCRIPTION (CONTINUED)
Functions performed by the CLC021 include: parallel-to-serial data conversion, ITU-R BT.601-4 input data
clipping, data encoding using the SMPTE polynomial (X9+X4+1), data format conversion from NRZ to NRZI,
parallel data clock frequency multiplication and encoding with the serial data, and differential, serial output data
driving. The CLC021 has circuitry for automatic EDH character and flag generation and insertion per SMPTE RP-
165. The CLC021 has an exclusive built-in self-test (BIST) and video test pattern generator (TPG) with 16
component video test patterns: reference black, PLL and EQ pathologicals and modified colour bars in 4:3 and
16:9 raster formats for NTSC and PAL formats*.
The CLC021 has inputs for enabling sync detection, non-SMPTE mode operation, enabling the EDH function,
NRZ/NRZI mode control and an external reset control. Outputs are provided for H, V and F bits, new TRS sync
character position indication, ancilliary data header detection, NTSC/PAL raster indication and PLL lock detect.
Separate power pins for the output driver, VCO and the serializer improve power supply rejection, output jitter
and noise performance.
The CLC021AVGZ-5.0V is powered by a single +5V supply. The CLC021AVGZ-3.3V is powered by a single
+3.3V supply. Power dissipation is typically 235 mW including two 75
Ω back-matched output loads. The device is
packaged in a JEDEC metric 44-lead PQFP.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC021


Similar Part No. - CLC021AVGZ-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021AVGZ-3.3 NSC-CLC021AVGZ-3.3 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results

Similar Description - CLC021AVGZ-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
[Old version datasheet]   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
National Semiconductor ...
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS1572 GENNUM-GS1572 Datasheet
1Mb / 64P
   EDH packet generation and insertion
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com