Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB10-10B05LT Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10B05LT
Description  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B05LT Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LB10-10B05LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B05LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 2 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and
Current
(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(μF)
UL/CE
(pending)
LB25-10B15LT
25W
15V/1600mA
84
2400
LB25-10B24LT
24V/1100mA
85
1400
LB25-10B48LT
48V/500mA
87
800
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
120
--
370
VDC
Input frequency
47
--
63
Hz
Input current
LB05 models
115VAC
--
--
0.125
A
LB10 models
--
--
0.26
LB15 models
--
--
0.37
LB20/LB25 models
--
--
0.6
LB05 models
230VAC
--
--
0.08
LB10 models
--
--
0.16
LB15 models
--
--
0.22
LB20/LB25 models
--
--
0.34
Inrush current
LB05/LB10/LB15 models
115VAC
--
10
--
LB20/ LB25 models
--
16
--
LB05/LB10/LB15 models
230VAC
--
20
--
LB20/ LB25 models
--
30
--
Leakage current
0.1mA RMS typ. 230VAC/50Hz
Recommended External Input Fuse
LB05 models
1A/250V, slow fusing
LB10/ LB15 models
2A/250V, slow fusing
LB20/ LB25 models
3.15A/250V, slow fusing
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
Main circuit
--
±2
--
%
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%-100% load
--
±1
--
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
100
mV
Temperature Drift Coefficient
Main circuit
--
±0.02
--
%/°C
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%Io self-recovery
Over-voltage Protection
3.3/5VDC
7.5VDC
9VDC
12VDC
12/15VDC
20VDC
24VDC
30VDC
48VDC
60VDC
Min. Load
0--
--
%
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
80
--
Note: *Parallel line test method is adopted to test the ripple and noise, please see
AC-DC Converter Application Notes for specific operation methods.


Similar Part No. - LB10-10B05LT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10B05 MORNSUN-LB10-10B05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10B05 MORNSUN-LB10-10B05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB10-10B05LT

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com