Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR67-21C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # SIR67-21C
Description  Peak wavelength=875nm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR67-21C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  SIR67-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR67-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2013-06-03 15:22:49.0
DATASHEET
SIR67-21C/TR8
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.20.2013. Issue No: DIR-0000957
www.everlight.com
 Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
185Kb / 9P
   Top Infrared LED
SIR67-21C-TR8 EVERLIGHT-SIR67-21C-TR8 Datasheet
330Kb / 9P
   Top Infrared LED
More results

Similar Description - SIR67-21C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
   peak wavelength
logo
KODENSHI_AUK CORP.
ML341H KODENSHI-ML341H Datasheet
155Kb / 3P
   peak wavelength 870nm
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
   peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
   peak wavelength 940nm
logo
Marktech Corporate
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com