Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ3FB1C105 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECJ3FB1C105
Description  Multilayer Ceramic Capacitors(High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3FB1C105 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECJ3FB1C105 Datasheet HTML 1Page - Panasonic Semiconductor ECJ3FB1C105 Datasheet HTML 2Page - Panasonic Semiconductor ECJ3FB1C105 Datasheet HTML 3Page - Panasonic Semiconductor ECJ3FB1C105 Datasheet HTML 4Page - Panasonic Semiconductor ECJ3FB1C105 Datasheet HTML 5Page - Panasonic Semiconductor ECJ3FB1C105 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
– EC3 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(High Capacitance)
Packaging
Style
Code
Size
Thickness
Packaging Styles
0402
0603
0805
1206
T=0.5
T=0.8
T=0.85
T=1.25
T=0.85
T=1.15
T=1.6
E
φ180
reel
Paper taping
(Pitch : 2 mm)
10,000
——————
V
Paper taping
(Pitch : 4 mm)
—4,000
4,000
4,000
F
Embossed taping
(Pitch : 4 mm)
———
3,000
3,000
Y—
—————
2,000
Packaging Styles and Standard Packaging Quantities
Quantity : pcs./reel
Temperature
Characteristic Code
Temperature
Characteristics
Capacitance Change
Measurement
Temperature Range
Reference
Temperature
B, X
B±10 %
–25 to 85 °C
20 °C
X7R
±15 %
–55 to 125 °C
25 °C
X5R
±15 %
–55 to 85 °C
25 °C
F
F+30, –80 %
–25 to 85 °C
20 °C
Y5V
+22, –82 %
–30 to 85 °C
25 °C
Temperature Characteristics
Class 2
For applicable “Temperature Characteristics”, see the lists of standard products on page 6 to 7.
Rated Voltage
Code
1H
1E
1C
1A
0J
Rated Voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Nominal Capacitance
Ex.
105
225106
226
Nominal Capacitance
1,000,000 pF
(1 µF)
2,200,000 pF
(2.2 µF)
10,000,000 pF
(10 µF)
22,000,000 pF
(22 µF)
Capacitance Tolerance
Class
Temperature Characteristics
Capacitance Tolerance Code
Capacitance Tolerance
2
B, X7R, X5R
K±10 %
M±20 %
F, Y5V
Z
+80, –20 %
φ330 reel and Bulk case Type : Please contact us.
02 Dec. 2008


Similar Part No. - ECJ3FB1C105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3FB1C105 PANASONIC-ECJ3FB1C105 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ3FB1C105 PANASONIC-ECJ3FB1C105 Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ3FB1C105 PANASONIC-ECJ3FB1C105 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ3FB1C105 PANASONIC-ECJ3FB1C105 Datasheet
677Kb / 6P
   Multilayer Ceramic Chip Capacitors (High Capacitance)
ECJ3FB1C105 PANASONIC-ECJ3FB1C105 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results

Similar Description - ECJ3FB1C105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2FB1E105K PANASONIC-ECJ-2FB1E105K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com