Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP1H432MZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQP1H432MZ
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP1H432MZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQP1H432MZ Datasheet HTML 1Page - Panasonic Semiconductor ECQP1H432MZ Datasheet HTML 2Page - Panasonic Semiconductor ECQP1H432MZ Datasheet HTML 3Page - Panasonic Semiconductor ECQP1H432MZ Datasheet HTML 4Page - Panasonic Semiconductor ECQP1H432MZ Datasheet HTML 5Page - Panasonic Semiconductor ECQP1H432MZ Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.seseAsk factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
sRating, Dimensions & Quantity/Ammo Box
qRated voltage : 50VDC, Capacitance tolerance : ± 1%(F), ± 2 % (G), ± 5 % (J)
qOnly ± 5 % (J) is available from 0.0001 to 0.0003 µF,Only ± 2 % (G), ± 5 % (J) is available from 0.00033 to 0.00091µF
Part No.
ECQP1H101JZ( )
ECQP1H111JZ( )
ECQP1H121JZ( )
ECQP1H131JZ( )
ECQP1H151JZ( )
ECQP1H161JZ( )
ECQP1H181JZ( )
ECQP1H201JZ( )
ECQP1H221JZ( )
ECQP1H241JZ( )
ECQP1H271JZ( )
ECQP1H301JZ( )
ECQP1H331MZ( )
ECQP1H361MZ( )
ECQP1H391MZ( )
ECQP1H431MZ( )
ECQP1H471MZ( )
ECQP1H511MZ( )
ECQP1H561MZ( )
ECQP1H621MZ( )
ECQP1H681MZ( )
ECQP1H751MZ( )
ECQP1H821MZ( )
ECQP1H911MZ( )
ECQP1H102MZ( )
ECQP1H112MZ( )
ECQP1H122MZ( )
ECQP1H132MZ( )
ECQP1H152MZ( )
ECQP1H162MZ( )
ECQP1H182MZ( )
ECQP1H202MZ( )
ECQP1H222MZ( )
ECQP1H242MZ( )
ECQP1H272MZ( )
ECQP1H302MZ( )
ECQP1H332MZ( )
ECQP1H362MZ( )
ECQP1H392MZ( )
ECQP1H432MZ( )
ECQP1H472MZ( )
ECQP1H512MZ( )
ECQP1H562MZ( )
ECQP1H622MZ( )
ECQP1H682MZ( )
0.0001
8.5
4.5
12.5
5.0
0.50
0.00011
8.5
4.5
12.5
5.0
0.50
0.00012
8.5
4.5
12.5
5.0
0.50
0.00013
8.5
4.5
12.5
5.0
0.50
0.00015
8.5
4.5
12.5
5.0
0.50
0.00016
8.5
4.5
12.5
5.0
0.50
0.00018
8.5
4.5
12.5
5.0
0.50
0.0002
8.5
4.5
12.5
5.0
0.50
0.00022
8.5
4.5
12.5
5.0
0.50
0.00024
8.5
4.5
12.5
5.0
0.50
0.00027
8.5
4.5
12.5
5.0
0.50
0.0003
8.5
4.5
12.5
5.0
0.50
0.00033
8.5
4.5
12.5
5.0
0.50
0.00036
8.5
4.5
12.5
5.0
0.50
0.00039
8.5
4.5
12.5
5.0
0.50
0.00043
8.5
4.5
12.5
5.0
0.50
0.00047
8.5
4.5
12.5
5.0
0.50
0.00051
8.5
4.5
12.5
5.0
0.50
0.00056
8.5
4.5
12.5
5.0
0.50
0.00062
8.5
4.5
12.5
5.0
0.50
0.00068
8.5
4.5
12.5
5.0
0.50
0.00075
8.5
4.5
12.5
5.0
0.50
0.00082
8.5
4.5
12.5
5.0
0.50
0.00091
8.5
4.5
12.5
5.0
0.50
0.001
8.5
4.5
12.5
5.0
0.50
0.0011
8.5
4.5
12.5
5.0
0.50
0.0012
8.5
4.5
12.5
5.0
0.50
0.0013
8.5
4.5
12.5
5.0
0.50
0.0015
8.5
4.5
12.5
5.0
0.50
0.0016
8.5
4.5
12.5
5.0
0.50
0.0018
8.5
4.5
12.5
5.0
0.50
0.002
8.5
4.5
12.5
5.0
0.50
0.0022
8.5
4.5
12.5
5.0
0.50
0.0024
8.5
4.5
12.5
5.0
0.50
0.0027
8.5
4.5
12.5
5.0
0.50
0.003
8.5
4.5
12.5
5.0
0.50
0.0033
8.5
4.5
12.5
5.0
0.50
0.0036
8.5
4.5
12.5
5.0
0.50
0.0039
8.5
4.5
12.5
5.0
0.50
0.0043
8.5
4.5
12.5
5.0
0.50
0.0047
8.5
4.5
12.5
5.0
0.50
0.0051
8.5
4.5
13.0
5.0
0.50
0.0056
8.5
4.5
13.0
5.0
0.50
0.0062
8.5
5.0
13.0
5.0
0.50
0.0068
8.5
5.0
13.0
5.0
0.50
Cap.
(µF)
Quantity
Ammo
1000
Dimensions (mm)
L max.
T max.
H max.
S
ød
StyleN:0.0001 to 0.0068 µF
Suffix for lead crimped or taped type
Cap. tol. code
vv


Similar Part No. - ECQP1H432MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP1H432MZ PANASONIC-ECQP1H432MZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQP1H432MZ PANASONIC-ECQP1H432MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECQP1H432MZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com