Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC24W-700K Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # KC24W-700K
Description  CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24W-700K Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  KC24W-700K Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24W-700K Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24W-700K Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24W-700K Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24W -XXXK
2013.02.26-A/3
Page 3 of 4
1st LED
Last LED
KC24W-XXXK
+Vin
GND
1
2
4
3
+Vout
-Vout
C1
L1
(Figure 5) EMI/RFI conducted EN55022 Class A recommended circuit
Components
Specifications
L1
CD53-33
μH
(SHENZHEN CEAIYA)
C1
105K/50V 1210 ×7R
(TORCH)
Table 3
(Figure 5) Recommended parameter
AC INPUT RECOMMENDED CIRCUIT
1st LED
Last LED
KC24W-XXXK
3
4
AC IN
1
2
+
-
+Vout
-Vout
-
+
5VAC
~
32VAC
AC IN
C1
C2
D1
D4
D2
D3
(Figure 6)AC input recommended circuit
Table 4
(Figure 6) Recommended parameter
Components
Specifications
C1
X1 Safety capacitor,
0.1
μF /300VAC
(QIYA)
C2
100
μF/63V
Electrolytic capacitor
(CapXon)
D1、D2、D3、
D4
Rectifier diode
IN4007 1A/1000V
D0-41(PANJIT)
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
Temperature Derating Graph
(Figure 7)
CHARACTERISTICS CURVE
Vin=12V
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9
10
11
12
Output Voltage(V)
KC24W-300K
KC24W-350K
KC24W-500K
KC24W-600K
KC24W-700K
Vin=24V
50
60
70
80
90
100
1
35
7
9
11 13 15 17 19 21 23
Output voltage(V)
KC24W-300K
KC24W-350K
KC24W-500K
KC24W-600K
KC24W-700K
Vin=36V
50
60
70
80
90
100
0
3
6
9
12 15 18 21 24 27 30 33 36
Output voltage(V)
KC24W-300K
KC24W-350K
KC24W-500K
KC24W-600K
KC24W-700K
Vin=48V
50
60
70
80
90
100
0
3
6
9 12 15 18 21 24 27 30 33 36
Output voltage(V)
KC24W-300K
KC24W-350K
KC24W-500K
KC24W-600K
KC24W-700K


Similar Part No. - KC24W-700K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24W-700K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24RT MORNSUN-KC24RT Datasheet
660Kb / 5P
   CONSTANT CURRENT GREAT POWER LED DRIVER
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8023 TPOWER-TP8023 Datasheet
562Kb / 5P
   Average Current Type LED Buck Constant Current Driver
TP8020 TPOWER-TP8020 Datasheet
542Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9835 HMSEMI-HM9835 Datasheet
646Kb / 5P
   Average current type LED buck constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021N TPOWER-TP8021N Datasheet
534Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com