Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-58B Datasheet(PDF) 3 Page - STMicroelectronics

Part # BZW06-58B
Description  PEAK PULSE POWER 600 W (10/1000ms)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-58B Datasheet(HTML) 3 Page - STMicroelectronics

  BZW06-58B Datasheet HTML 1Page - STMicroelectronics BZW06-58B Datasheet HTML 2Page - STMicroelectronics BZW06-58B Datasheet HTML 3Page - STMicroelectronics BZW06-58B Datasheet HTML 4Page - STMicroelectronics BZW06-58B Datasheet HTML 5Page - STMicroelectronics BZW06-58B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZW06-xx
3/6
Types
IRM @VRM
VBR
@
IR
VCL @IPP
VCL @IPP
αTC
min
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
V
mA
VAVA
10
-4/°C
pF
BZW06-188
BZW06-188B
1
188
209
1
328
2.0
388
10.3
10.8
330
BZW06-213
BZW06-213B
1
231
237
1
344
2.0
442
9.0
11.0
310
BZW06-256
BZW06-256B
1
256
285
1
414
1.6
529
7.6
11.0
290
BZW06-273
BZW06-273B
1
273
304
1
438
1.6
564
7.1
11.0
280
BZW06-299
BZW06-299B
1
299
332
1
482
1.6
618
6.5
11.0
270
BZW06-342
BZW06-342B
1
342
380
1
548
1.3
706
5.7
11.0
360
BZW06-376
BZW06-376B
1
376
418
1
603
1.3
776
5.7
11.0
350
Note 2 :
Pulse test: tp <50ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C)
Note 4 :
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2
Fig. 1: Peak pulse power dissipation versus initial
junction temperature (printed circuit board).
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100


Similar Part No. - BZW06-58B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-58B STMICROELECTRONICS-BZW06-58B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-58B EIC-BZW06-58B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-58B TSC-BZW06-58B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-58B BILIN-BZW06-58B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-58B TAYCHIPST-BZW06-58B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-58B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
   Up to 600 W Peak Power
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Guangdong Youtai Semico...
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
   300 W peak pulse power (tp = 8/20μs)
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
   250 W peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com