Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

284877 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 284877
Description  Federleiste B 64
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

284877 Datasheet(HTML) 1 Page - ERNI Electronics

  284877 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
284877
Federleiste B 64
Fem. Connector B 64
XXXX
RC 2
ERNI
Leiterplatten-Lochbild /PCB drillhole pattern
Bestückungsplan / contact layout
All Dimensions
in mm
www.ERNI.com
Scale
Designation
Tolerances
2:1
STVB
I
H:00064673.SZA
Date
Index
Information:
Bedruckung siehe Zeichnung 294875
Marking see drawing 294875
Missing information and dimensions per IEC 60 603-2
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Anforderungsstufe 2 = 400 Steckzyklen / performance class 2 = 400 mating cycles
Isolierwerkstoff / housing material : PBT GF30
Bauart 7 / type 7
Anschluß 0,6 x 0,6 mm mit Übergabesteckzone /
terminal 0,6 x 0,6 mm with mating transfer zone
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
a b
Übergabesteckzone
mating transfer zone
Datum
date
Anforderungsstufe
class
a32
b32
a1
b1
alle Löcher/
all holes
0,05
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
a
b
bestückt / assemble
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
a
b


Similar Part No. - 284877

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284870 ERNI-284870 Datasheet
83Kb / 1P
   FEDERLEISTE B 32
284871 ERNI-284871 Datasheet
83Kb / 1P
   FEDERLEISTE B 32
284873 ERNI-284873 Datasheet
82Kb / 1P
   FEDERLEISTE B 32 LOT
284874 ERNI-284874 Datasheet
83Kb / 1P
   FEDERLEISTE B 32 LOT
284875 ERNI-284875 Datasheet
85Kb / 1P
   FEDERLEISTE B 32 LOT
More results

Similar Description - 284877

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284165 ERNI-284165 Datasheet
451Kb / 1P
   FEDERLEISTE B 64
284879 ERNI-284879 Datasheet
84Kb / 1P
   Federleiste B 64
284876 ERNI-284876 Datasheet
84Kb / 1P
   FEDERLEISTE B 64
284878 ERNI-284878 Datasheet
87Kb / 1P
   FEDERLEISTE B 64
284166 ERNI-284166 Datasheet
457Kb / 1P
   FEDERLEISTE B 64 LOT
100300760003 ERNI-100300760003 Datasheet
344Kb / 1P
   FEDERLEISTE B 64 LOT
254976 ERNI-254976 Datasheet
98Kb / 1P
   Federleiste B 64 EE
284650 ERNI-284650 Datasheet
83Kb / 1P
   FEDERLEISTE B 64 LOT
284881 ERNI-284881 Datasheet
83Kb / 1P
   FEDERLEISTE B 64 LOT
254846 ERNI-254846 Datasheet
256Kb / 1P
   FEDERLEISTE B 64 EE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com