Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2-3SNJ Datasheet(PDF) 7 Page - NEC

Part # EC2-3SNJ
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2-3SNJ Datasheet(HTML) 7 Page - NEC

Back Button EC2-3SNJ Datasheet HTML 3Page - NEC EC2-3SNJ Datasheet HTML 4Page - NEC EC2-3SNJ Datasheet HTML 5Page - NEC EC2-3SNJ Datasheet HTML 6Page - NEC EC2-3SNJ Datasheet HTML 7Page - NEC EC2-3SNJ Datasheet HTML 8Page - NEC EC2-3SNJ Datasheet HTML 9Page - NEC EC2-3SNJ Datasheet HTML 10Page - NEC EC2-3SNJ Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ER0002EJ4V1DS00
EC2 SERIES
s BREAKDOWN VOLTAGE
Sample: EC2-5NU 10 pieces
s ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
0.5
50
100
0
1.0
1.5
Breakdown voltage (kV)
(a) Between open contacts
2.0
0.5
50
100
0
1.0
1.5
Breakdown voltage (kV)
(b) Between adjacent contacts
2.0
1.5
50
100
0
2.0
2.5
Breakdown voltage (kV)
(c) Between coil to contact
3.0
I
II
III
IV
V
VI
+40
+30
+20
+10
0
– 10
– 20
– 30
– 40
Mounting layout
Device under test
Alternation of operate voltage
I
II
III
IV
V
VI
+40
+30
+20
+10
0
– 10
– 20
– 30
– 40
Mounting layout
Alternation of release voltage
ON
ON
ON
ON
ON
V
ON
ON
III
OFF
OFF
IV
OFF
OFF
OFF
VI
I
OFF
OFF
II
2.54 mm
Ph (707) 996-5201 Fx (707) 996-3380
www.worldproducts.com
e-mail: corpsales@worldproducts.com
WORLD PRODUCTS INC.


Similar Part No. - EC2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-3SNJ NEC-EC2-3SNJ Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
More results

Similar Description - EC2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com