Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC2SB-24S33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC2SB-24S33
Description  10 WATT 2 1 INPUT DC-DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC2SB-24S33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC2SB-24S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC2SB-24S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC2SB-24S33 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EC2SB SERIES
10 WATT 2:1 INPUT
DC-DC
CONVERTERS
FEATURE
* 10W Isolated Output
* Efficiency to 87%
* 2:1 INPUT RANGE
* Regulated Outputs
* Fixed Switching Frequency
* Input under-voltage Protection
* Over Current Protection
* Remote ON/OFF
* Continuous Short Circuit Protection
* Without Tantalum Capacitors inside
EC2SB Series
NOTE:
1. Nominal Input Voltage 12, 24 or 48 VDC
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD FULL LOAD
%
EFF.
SIZE
EC2SB -12S33
9-18 VDC
3.3 VDC
0 mA
2500 mA
25 mA
838 mA
82
1”x1”
EC2SB -12S05
9-18 VDC
5 VDC
0 mA
2000 mA
25 mA
980 mA
85
1”x1”
EC2SB -12S12
9-18 VDC
12 VDC
0 mA
833 mA
25 mA
957 mA
87
1”x1”
EC2SB -12S15
9-18 VDC
15 VDC
0 mA
666 mA
25 mA
956 mA
87
1”x1”
EC2SB -24S33 18-36 VDC
3.3 VDC
0 mA
2500 mA
20 mA
419 mA
82
1”x1”
EC2SB -24S05 18-36 VDC
5 VDC
0 mA
2000 mA
20 mA
490 mA
85
1”x1”
EC2SB -24S12 18-36 VDC
12 VDC
0 mA
833 mA
20 mA
478 mA
87
1”x1”
EC2SB -24S15 18-36 VDC
15 VDC
0 mA
666 mA
20 mA
478 mA
87
1”x1”
EC2SB -48S33 36-75 VDC
3.3 VDC
0 mA
2500 mA
20 mA
212 mA
81
1”x1”
EC2SB -48S05 36-75 VDC
5 VDC
0 mA
2000 mA
20 mA
245 mA
85
1”x1”
EC2SB -48S12 36-75 VDC
12 VDC
0 mA
833 mA
20 mA
239 mA
87
1”x1”
EC2SB -48S15 36-75 VDC
15 VDC
0 mA
666 mA
20 mA
239 mA
87
1”x1”


Similar Part No. - EC2SB-24S33

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC2SB-24S33 CINCON-EC2SB-24S33 Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
More results

Similar Description - EC2SB-24S33

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
EC4BU CINCON-EC4BU Datasheet
175Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC4-8S123.3 TRUMPOWER-TC4-8S123.3 Datasheet
29Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 10 Watt
logo
CINCON ELECTRONICS Corp...
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
   10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
CINCON ELECTRONICS Corp...
EC2SBW CINCON-EC2SBW Datasheet
198Kb / 2P
   10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110S33 CINCON-EC6AW-110S33 Datasheet
226Kb / 2P
   10 WATT 4:1 INPUT DC-DC CONVERTERS
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com