Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVD2106 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVD2106_14 Datasheet HTML 2Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 3Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 4Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 5Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 6Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 7Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 8Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 9Page - Texas Instruments CDCLVD2106_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CDCLVD2106
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Typical Additive Phase Noise Characteristics for 100 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-132.9
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-138.8
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-147.4
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-153.6
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-155.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-156.2
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-156.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
171
fs, RMS
Typical Additive Phase Noise Characteristics for 737.27 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-80.2
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-114.3
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-138
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-143.9
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-145.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-146.5
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-146.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
65
fs, RMS
6
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2106


Similar Part No. - CDCLVD2106_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2106RHAR TI1-CDCLVD2106RHAR Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106RHAT TI1-CDCLVD2106RHAT Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results

Similar Description - CDCLVD2106_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com