Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC430F6137 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F6137
Description  MSP430??SoC With RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6137 Datasheet(HTML) 2 Page - Texas Instruments

  CC430F6137 Datasheet HTML 1Page - Texas Instruments CC430F6137 Datasheet HTML 2Page - Texas Instruments CC430F6137 Datasheet HTML 3Page - Texas Instruments CC430F6137 Datasheet HTML 4Page - Texas Instruments CC430F6137 Datasheet HTML 5Page - Texas Instruments CC430F6137 Datasheet HTML 6Page - Texas Instruments CC430F6137 Datasheet HTML 7Page - Texas Instruments CC430F6137 Datasheet HTML 8Page - Texas Instruments CC430F6137 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
SLAS554H – MAY 2009 – REVISED SEPTEMBER 2013
www.ti.com
APPLICATIONS
Wireless Analog and Digital Sensor Systems
Heat Cost Allocators
Thermostats
AMR or AMI Metering
Smart Grid Wireless Networks
DESCRIPTION
The Texas Instruments CC430 family of ultralow-power microcontroller system-on-chip (SoC) with integrated RF
transceiver cores consists of several devices featuring different sets of peripherals targeted for a wide range of
applications. The architecture, combined with five low-power modes, is optimized to achieve extended battery life
in portable measurement applications. The device features the powerful MSP430 16-bit RISC CPU, 16-bit
registers, and constant generators that contribute to maximum code efficiency.
The CC430 family provides a tight integration between the microcontroller core, its peripherals, software, and the
RF transceiver, making these true SoC solutions easy to use as well as improving performance.
The CC430F61xx series are microcontroller SoC configurations that combine the excellent performance of the
state-of-the-art CC1101 sub-1-GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of in-system
programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high-performance 12-bit analog-to-digital
converter (ADC) with eight external inputs plus internal temperature and battery sensors on CC430F613x
devices, a comparator, universal serial communication interfaces (USCIs), a 128-bit AES security accelerator, a
hardware multiplier, a DMA, a real-time clock (RTC) module with alarm capabilities, an LCD driver, and up to
44 I/O pins.
The CC430F513x series are microcontroller SoC configurations that combine the excellent performance of the
state-of-the-art CC1101 sub-1-GHz RF transceiver with the MSP430 CPUXV2, up to 32KB of in-system
programmable flash memory, up to 4KB of RAM, two 16-bit timers, a high performance 12-bit ADC with six
external inputs plus internal temperature and battery sensors, a comparator, universal serial communication
interfaces (USCIs), a 128-bit AES security accelerator, a hardware multiplier, a DMA, an RTC module with alarm
capabilities, and up to 30 I/O pins.
Typical applications for these devices include wireless analog and digital sensor systems, heat cost allocators,
thermostats, metering (AMR or AMI), and smart grid wireless networks.
Table 1 summarizes the available family members.
For complete module descriptions, see the CC430 Family User's Guide (SLAU259).
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: CC430F6137 CC430F6135 CC430F6127 CC430F6126 CC430F6125 CC430F5137
CC430F5135 CC430F5133


Similar Part No. - CC430F6137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6137 TI1-CC430F6137 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
CC430F6137 TI1-CC430F6137 Datasheet
797Kb / 2P
[Old version datasheet]   eZ430-Chronos development kit
CC430F6137 TI-CC430F6137 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F6137IRGC TI-CC430F6137IRGC Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F6137IRGC TI1-CC430F6137IRGC Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F6137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com