Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5809 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE5809_14 Datasheet HTML 7Page - Texas Instruments AFE5809_14 Datasheet HTML 8Page - Texas Instruments AFE5809_14 Datasheet HTML 9Page - Texas Instruments AFE5809_14 Datasheet HTML 10Page - Texas Instruments AFE5809_14 Datasheet HTML 11Page - Texas Instruments AFE5809_14 Datasheet HTML 12Page - Texas Instruments AFE5809_14 Datasheet HTML 13Page - Texas Instruments AFE5809_14 Datasheet HTML 14Page - Texas Instruments AFE5809_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
AFE5809
www.ti.com
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to
ground with 15 nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample rate =
65MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, Single-ended VCNTL mode, VCNTLM = GND, ADC
configured in internal reference mode, internal 500
Ω CW feedback resistor, CMOS CW clocks, at ambient temperature TA =
25°C, Digital demodulator is disabled unless otherwise noted. Min and max values are specified across full-temperature range
with AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
CW SUMMING AMPLIFIER
VCMO
Common-mode voltage
Summing amplifier inputs/outputs
1.5
V
Summing amplifier output
4
Vpp
100 Hz
2
nV/rtHz
Input referred voltage noise
1 kHz
1.2
nV/rtHz
2 kHz to 100 MHz
1
nV/rtHz
Input referred current noise
2.5
pA/rtHz
Unit gain bandwidth
200
MHz
Max output current
Linear operation range
20
mApp
ADC SPECIFICATIONS
Sample rate
10
65
MSPS
SNR
Signal-to-noise ratio
Idle channel SNR of ADC 14b
77
dBFS
REFP
1.5
V
Internal reference mode
REFM
0.5
V
VREF_IN Voltage
1.4
V
External reference mode
VREF_IN Current
50
µA
ADC input full-scale range
2
Vpp
LVDS Rate
65MSPS at 14 bit
910
Mbps
POWER DISSIPATION
AVDD voltage
3.15
3.3
3.6
V
AVDD_ADC voltage
1.7
1.8
1.9
V
AVDD_5V voltage
4.75
5
5.5
V
DVDD voltage
1.7
1.8
1.9
V
TGC low noise mode, 65 MSPS
158
190
TGC low noise mode, 40 MSPS
145
Total power dissipation per channel
mW/CH
TGC medium power mode, 40 MSPS
114
TGC low power mode, 40 MSPS
101.5
TGC low noise mode, no signal
202
240
TGC medium power mode, no signal
126
TGC low power mode, no signal
99
CW-mode, no signal
147
170
AVDD (3.3-V) current
mA
TGC low noise mode, 500 mVPP Input,1% duty cycle
210
TGC medium power mode, 500 mVPP Input, 1% duty cycle
133
TGC low power, 500 mVPP Input, 1% duty cycle
105
CW-mode, 500 mVPP Input
375
TGC mode no signal
25.5
35
CW mode no signal, 16X clock = 32 MHz
32
AVDD_5V current
mA
TGC mode, 500 mVpp Input,1% duty cycle
26
CW-mode, 500 mVpp Input
42.5
TGC low noise mode, no signal
99
121
TGC medium power mode, no signal
68
TGC low power mode, no signal
55.5
VCA power dissipation
mW/CH
TGC low noise mode, 500 mVPP input,1% duty cycle
102.5
TGC medium power mode, 500 mVPP Input, 1% duty cycle
71
TGC low power mode, 500 mVpp input,1% duty cycle
59.5
CW power dissipation
No signal, ADC shutdown CW Mode no signal, 16X clock = 32 MHz
80
mW/CH
500 mVPP input, ADC shutdown , 16X clock = 32 MHz
173
AVDD_ADC (1.8-V) current
65MSPS
187
205
mA
DVDD (1.8-V) current
65 MSPS
77
110
mA
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AFE5809


Similar Part No. - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
More results

Similar Description - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com