Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7812T-500 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # K7812T-500
Description  SMD PACKAGE SINGLE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7812T-500 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  K7812T-500 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7812T-500 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7812T-500 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K7812T-500 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. K7812T-500 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XXT-500
B/0-2012
Page 5 of 5
Efficiency VS Vin (Full Load)
40
45
50
55
60
65
70
75
80
85
90
95
100
4.5
6
8
10
12
14
16
17
20
22
24
26
28 Vin(V)
Efficiency (%)
K7803T-500
K7805T-500
K7809T-500
K7812T-500
K7815T-500
Ripple VS Vin ( Full Load)
0
5
10
15
20
25
30
35
40
45
4.5
6
8
10 12 14 16 17 20
22 24 26 28 Vin (V)
Ripple (mV)
K7803T-500
K7805T-500
K7809T-500
K7812T-500
K7815T-500
Efficiency VS Input Voltage (Full Load)
Output Voltage Ripple VS Input Voltage (Full Load)
PACKAGE STYLE AND PINNING
Note:
Unit:mm[inch]
Pin section tolerances:
±0.10mm[±0.004inch]
General tolerances:
±0.25mm[±0.010inch]
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Devices per tube quantity: 33pcs
L=220mm[8.661inch]
Devices per tube quantity: 13pcs
(Front View)
(Top View)
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
0.10[0.004]
1
9
10
10.16[0.400]
5.08[0.200]
0.60
±0.10
[0.024±0.004]
15.24±0.50
[0.60±0.020]
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
Pin
FOOTPRINT DETAILS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
Devices per reel quantity:500pcs
Devices per tube quantity: 2000pcs
Devices per tube quantity: 4000pcs
Inner packaging dimensions: L*W*H=365*350*105mm
Outer packaging dimensions: L*W*H=390*360*245mm.
;
Function
Taping dimension:
Taping reel dimension:
1
5
7,9
6
10
Vadj
Vin
GND
ON/OFF
Vout
(Side View)
∅1.50 [0.059]
∅1.50 [0.059]
∅13.00 [0.512]
∅21.50 [0.846]
15.10[0.594]
10.70[0.421]
4.72 [0.186]
2.00 [0.079]
1.75 [0.069]
11.50 [0.453]
0.50 [0.020]
7.65 [0.301]
16.00
[0.630]
12.40
[0.488]
29.40 [1.157]
∅100.00[3.937]
1.00[0.039]
12.10±0.30
[0.476±0.012]
10.05±0.20
[0.396±0.008]
1.15±0.20
[0.045±0.008]
1.87±0.20
[0.074±0.008]
5.08[0.200]
10.16[0.400]
A
5
6
7
2.54±0.20
[0.10±0.008]
A
1
5
6
7
9
10
RECOMMENDED FOOTPRINT
TAPINGREEL DIMENSIONS
Note:
grid:2.54*2.54mm
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - K7812T-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K7812T-500 MORNSUN-K7812T-500 Datasheet
467Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
K7812T-500R3 MORNSUN-K7812T-500R3 Datasheet
785Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
More results

Similar Description - K7812T-500

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78XXT-1000 MORNSUN-K78XXT-1000 Datasheet
509Kb / 6P
   SMD PACKAGE SINGLE OUTPUT
K7812KT-500 MORNSUN-K7812KT-500 Datasheet
266Kb / 3P
   SMD PACKAGE SINGLE OUTPUT
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
K7805T-1000 MORNSUN-K7805T-1000 Datasheet
444Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
logo
GAPTEC Electronic GmbH ...
LMT78 GAPTEC-LMT78 Datasheet
1Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
LMT78-1.0R GAPTEC-LMT78-1.0R Datasheet
2Mb / 5P
   Wide input, non-isolated & regulated, single output, SMD package
LMTO78 GAPTEC-LMTO78 Datasheet
1Mb / 4P
   Wide input, non-isolated & regulated, single output, SMD package
logo
Recom International Pow...
RW-053.3S RECOM-RW-053.3S Datasheet
87Kb / 2P
   2 Watt DIP24/SMD low Profile package Single Output
RW-053.3S RECOM-RW-053.3S_06 Datasheet
91Kb / 3P
   3 Watt DIP24/SMD Low Profile Package Single Output
logo
MORNSUN Science& Techno...
K7805T-500 MORNSUN-K7805T-500 Datasheet
467Kb / 5P
   WIDE INPUT, NON-ISOLATED & REGULATED SMD PACKAGE SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com