Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF2405S-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # IF2405S-1W
Description  1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IF2405S-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  IF2405S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IF2405S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. IF2405S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. IF2405S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
IF_S-1W & IF_D-1W
2013.11.21-A/4
Page 2 of4
Operating temperature
-40
--
85
Storage temperature
-55
--
125
Lead temperature
Ta=25
°C
--
15
25
Temp. rise at full load
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
*IFXX05S/D-1W
--
--
1
S
Others
Continuous
Switching Frequency
100% load, Input voltage range
--
120
300
KHz
MTBF
3500
--
--
K hours
Weight
IF_S-1W / IF_S-W75
--
2.1
--
g
IF_D-1W / IF_D-W75
--
2.4
--
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Unit
Isolation voltage
Input-Output, tested for 1 minute and leakage current
less than 1 mA
3000
--
--
VDC
Isolation resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
60
--
pF
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
OUTLINE DIMENSIONS & PIN CONNECTIONS
IF_S-1W / IF_S-W75
IF_S-1W / IF_S-W75


Similar Part No. - IF2405S-1W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
IF2405S-1W REICU-IF2405S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
IF2405S-1WR3 MORNSUN-IF2405S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
More results

Similar Description - IF2405S-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T14A GAPTEC-1T14A Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated & Unregulated
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com