Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K78L12-1000 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # K78L12-1000
Description  WIDE INPUT NON-ISOLATED REGULATED OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78L12-1000 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  K78L12-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78L12-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78L12-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78LXX-1000
A/3-2012
Page 1 of 3
K78LXX-1000 Series
WIDE INPUT NON-ISOLATED REGULATED
OUTPUT
RoHS
PRODUCT PROGRAM
Input Voltage
Output
Efficiency (%)
Part
Number
Range (VDC)
Voltage
(VDC)
Current
(mA)
Vin (Min)
Vin (Max)
K78L03-1000
4. 75-30
3.3
1000
90
81
K78L05-1000
6.5-30
5.0
1000
93
85
K78L09-1000
12-30
9.0
1000
95
90
K78L12-1000
16-30
12
1000
96
93
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output voltage accuracy Input voltage range at full load
±2
±3
3.3V output
±0.5
±1.0
Line regulation
5V, 9V,12V output
±0.2
±0.5
Load regulation
Normal input, 10% to 100% load
±0.5
±0.75
%
Ripple + Noise*
20MHz Bandwidth
(refer to figure 3 )
25
35
mVp-p
Thermal Shutdown
160
°C
Switch frequency
Input voltage range at full load
340
410
460
kHz
Output current limit
2000
Quiescent current
5
8
mA
Temperature coefficient -40
°C ~ +85°C
±0.02
%/
°C
Max capacitance load
1000
μF
*Test ripple and noise by
“parallel cable” method.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temp. range
Power derating (above 71
°C)
-40
85
Operating case temp.
100
Storage temp. range
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free Air Convection
Case material
Plastic (UL94-V0)
Storage humidity range
95
%
MTBF
25℃(MIL-HDBK-217F)
2000
k hours
Package weight
3.7
g
FEATURES
● Efficiency up to 96%
●Temperature range: -40°C ~ +85°C
● No heatsink required
● Pin-out compatible with LM78XX linears
● Thermal shutdown
● Low ripple and noise
● SIP package
● Industry standard pinout
● MTBF>2,000,000 hours
APPLICATIONS
The K78LXX-1000 series high efficiency
switching
regulators are ideally suited to
replace 78xx linear regulators and are pin
compatible. The efficiency of up to 96% means
that very little energy is wasted as heat so
there is no need for any heat sinks with their
additional space and mounting costs.
MODEL SELECTION
K78L05-1000
Produ ct Series
Outpu t Vo lta ge
Outpu t Cu rre nt
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - K78L12-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L12-1000R3 MORNSUN-K78L12-1000R3 Datasheet
1Mb / 4P
   Support the negative output
More results

Similar Description - K78L12-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
   WIDE INPUT NON-ISOLATED REGULATED OUTPUT
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com