Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K78L05-1000 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # K78L05-1000
Description  WIDE INPUT NON-ISOLATED REGULATED OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78L05-1000 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  K78L05-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78L05-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78L05-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78LXX-1000
A/3-2012
Page 3 of 3
CHARACTERISTICS
Efficiency
Ripple
Efficiency VS Load (Vin=Nominal)
50
55
60
65
70
75
80
85
90
95
100
50
150
250
350
450
550
650
750 Load
K78L03-1000
K78L05-1000
K78L09-1000
K78L12-1000
Ripple VS Load (Vin=Nominal)
0
5
10
15
20
25
30
35
50
300
450
650
800
1050
1200 Load
Ripple (mV)
K78L03-1000
K78L05-1000
K78L09-1000
K78L12-1000
Efficiency VS Input Voltage (Full load)
0
10
20
30
40
50
60
70
80
90
100
4.5
8
11
15
18
22
26
30
Vin(V)
Efficiency (%)
K78L03-1000
K78L05-1000
K78L09-1000
K78L12-1000
Ripple VS Input Voltage(Full load)
0
5
10
15
20
25
30
35
4.5 6.5
8
10 11 12 15 18 20 22 24 26 28 30 Vin (V)
Ripple(mV)
K78L03-1000
K78L05-1000
K78L09-1000
K78L12-1000
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
Ф1.00 [0.039]
1 2
3
1
3
2
+Vin
GND
+Vout
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin section tolerances:
± 0.10mm[± 0.004inch]
General tolerances:
± 0.25mm[± 0.010inch]
Note:
Unit :mm[inch]
General tolerances:
0.50mm [
0.020inch]
±±
L=530mm[20.866inch]
pcs/tube: 44
L=220mm[8.661inch]
pcs/tube: 17
Pin
Functi on
(Bot tom View)
MECHANICAL DIM ENSIONS
RECOM MENDED FOOTPRINT(TOP VIEW)
TUBE OUTLINE DIMENSIONS
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
0.30 [0.012]
0.50 [0.020]
4.10 [0.161]
17.50 [0.689]
2.15 [0.085]
5.08 [0.200]
1
2
3
9.00 [0.354]
(Front View)
11.60 [0.457]
6.60 [0.260]
11.50[0.453]
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - K78L05-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L05-1000R2 MORNSUN-K78L05-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L05-1000R3 MORNSUN-K78L05-1000R3 Datasheet
1Mb / 4P
   Support the negative output
More results

Similar Description - K78L05-1000

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
   WIDE INPUT NON-ISOLATED REGULATED OUTPUT
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com