Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K78L03-500R2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # K78L03-500R2
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K78L03-500R2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  K78L03-500R2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K78L03-500R2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K78L03-500R2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K78L03-500R2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
K78LXX-500R2
A/0-2012
Page 4 of 4
TYPICAL CHARACTER CURVE
Efficiency VS Input Voltage curve
(Full Load)
78
80
82
84
86
88
90
92
94
4.75 6
7
8
9 10 11 12 13 14 15 16 17 18
Input Voltage(V)
K78L03-500R2
K78L05-500R2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
76
78
80
82
84
86
88
90
92
94
50
100 150 200 250 300 350 400 450 500
Total Output Current (%)
K78L03-500R2
K78L05-500R2
Ripple VS Input Voltage curve
(Full Load)
0
5
10
15
20
25
4.75 6
7
8
9
10 11 12 13 14 15 16 17 18
Input Voltage (V))
K78L03-500R2
K78L05-500R2
Ripple VS Output Load curve
(Vin=Vin-nominal)
0
2
4
6
8
10
12
14
16
18
20
50
100
150
200
250
300
350
400
450
500
Total Output Current (%)
K78L03-500R2
K78L05-500R2
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
5.08[0.200]
11.60
[0.457]
Note
Unit mm inch
Pin section tolerances
mm
inch
General tolerances:
mm
inch
:
:
[]
:±0.10[±0.004]
±0.25[±0.010]
Note:
Unit
mm[inch]
General tolerance
±0.50mm[±0.020inch]
:
L=530mm[20.866 inch]
Packaging quantity:43pcs
L=220mm[8.661inch]
Packaging quantity:17pcs
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
MECHANICAL DIMMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
123
0.50[0.020]
9.60
[0.378]
4.90[0.193]
Note: grid
mm
2.54*2.54.
(
)
Front View
()
Bottom View
FOOTPRINT
DETAILS
Pin
Positive Output
GND
+Vout
+Vin
1
2
3
Ф .00[0.039]
1
123
Note:
1. Max. Capacitive Load tested at input voltage range and full load.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on our corporate standards.
4. All characteristics are for listed model, non-standard models may perform differently, please contact our technical person for more detail.
5. Contact us for your specific requirement.
6. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - K78L03-500R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-500R3 MORNSUN-K78L03-500R3 Datasheet
1Mb / 4P
   Support the negative output
More results

Similar Description - K78L03-500R2

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com